Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 52Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 53Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 56Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 57Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 58Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
IP178G
Data Sheet
55 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
6.15 CoS control registers – port 0
PHY
MII
R/W
Description
Default
0[10]
R/W
Port 0 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port 0 are handled as high priority
packets.
1’b0
21
0[9]
R/W
Port 0 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port 0 are handled as high priority packets.
1’b0
6.16 CoS control registers – port 1
PHY
MII
R/W
Description
Default
1[10]
R/W
Port 1 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port 1 are handled as high priority
packets.
1’b0
21
1[9]
R/W
Port 1 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port 1 are handled as high priority packets.
1’b0
6.17 CoS control registers – port 2
PHY
MII
R/W
Description
Default
2[10]
R/W
Port 2 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port 2 are handled as high priority
packets.
1’b0
21
2[9]
R/W
Port 2 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port 2 are handled as high priority packets.
1’b0
6.18 CoS control registers – port 3
PHY
MII
R/W
Description
Default
3[10]
R/W
Port 3 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port 3 are handled as high priority
packets.
1’b0
21
3[9]
R/W
Port 3 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port 3 are handled as high priority packets.
1’b0
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com