Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 24Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 25Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 26Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 27Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
IP178G
Data Sheet
28 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
4.7.3.3
TCP/UDP logical port priority
IP178G can configure the ingress port frame priority by using the TCP/UDP frame logical port number.
When the incoming IP packet with TCP or UDP protocols, the 16 bits destination or source port field in
the TCP/UDP header can be used for assign the frame priority. It means the source’s logical port or the
destination’s logical port in the incoming packet match any of the pre-defined logical ports, the incoming
frame will give a high priority mark and put it in the high priority queue.
TCP/UDP logical port priority function of all ports is enabled if pin 48 COS_DIS is pulled high. The logical
port priority of each pre-defined port number or user defined range of logical port number can be enabled
individually by programming the corresponding bit in the MII register 20.14[5:0].
Table 5 TCP/UDP logical port priority table
Pre-defined logical ports list
Service
TCP
Description
SSH
22
secure shell
HTTPs
443
secure HTTP (SSL)
RDP
3389
Windows Remote Desktop Protocol
XWIN
6000
X11 – used for X-Windows
When the “LPP_AGING_EN (MII register 20.14[15:8])” function enable, once receive a IP frame with
TCP/UDP protocol and the logical port number is the pre-defined port number, the ingress port will treat
as a port based high priority port for 300 seconds. After the internal timer expired, the ingress port will
change back to previous behavior
These pre-defined logical ports can be enable individually by programming MII register 20.14[3:0] or
EEPROM register 10[3:0].
User defined range logical ports list (defaulting setting)
Service
TCP
Description
telnet
23
Remote terminal protocol
VNC
5800
VNC remote desktop protocol
For the user defined range logical ports, it contains two set of range and can be changed by
programming via MII register or EEPROM register. Each range consists of a high and low limit register to
set the TCP or UDP logical port range. The high limit port number can not large than the low limit port
number. The default logical port number of range 0 and 1 are default set to 23 and 5800, for this case the
high and low limit port number is the same value. If an incoming IP frame with TCP/UDP port number is
between the low and high limit, it will be treated as a high priority frame.
4.8
Port Mirroring
There are some circumstances that the network administrator requires to monitor the network
status. The port mirroring function can help the network administrator diagnose the network.
A port mirroring function can be accomplished through assigning 1 to 7 monitored ports and a
snooping port. The IP178G supports four kinds of monitoring methods: RX(ingress), TX(egress),
RX-and-TX, and RX-or-TX. This function can be enabled by programming the corresponding bit in MII
registers 20.3 ~ 20.4.
For example, if designer wants to monitor the output traffic of port5 and port4 as shown in the
following figure. He has to write “2’b01” to register 20.3[14:13] to choose monitor method to be TX traffic,
write 0x30 to registers 20.4[7:0] to select port5 and port4 to be monitored ports, write 1’b1 and 3’b000 to
registers 20.3[15] and 20.4[15:13] to select port0 as a monitoring port. IP178G will copy tx traffic of port5
and port4 to port0.
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com