Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 32Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 33Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 34Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 35Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 36Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 37Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 38Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 39Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
IP178G
Data Sheet
36 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
Register descriptions
R/W = Read/Write,
SC = Self-Clearing,
RO = Read Only,
LL = Latching Low,
LH = Latching High
6.1
MII Register
PHY
MII
R/W
Description
Default
Control Register
0~7
0.15
RW/
SC
Reset
The PHY is reset if user writes “1” to this bit. The reset period is
around 2ms. User has to wait for at least 2ms to access IP178G.
(according design should delete)
0
0~7
0.14
R/W
Loop back
1 = Loop back mode
0 = normal operation
When this bit set, IP178G will be isolated from the network media,
that is, the assertion of TXEN at the MII will not transmit data on the
network. All MII transmission data will be returned to MII receive
data path in response to the assertion of TXEN.
Bit 0.12 is cleared automatically, if this bit is set. User has to
program bit 0.12 again after loop back test.
(according design
should delete
)
0
0~7
0.13
RW
Speed Selection
1 = 100Mbps
0 = 10Mbps
It is valid only if bit 0.12 is set to be 0.
1
0~7
0.12
RW
Auto-Negotiation(AN) Enable
1 = Auto-Negotiation Enable
0 = Auto-Negotiation Disable
1
0~7
0.11
R/W
Power Down
1: power down mode
0: normal operation
0
0~7
0.10
Isolate
IP178G doesn’t support this function.
0
0~7
0.9
RW
SC
Restart Auto-Negotiation
1 = re-starting Auto-Negotiation
0: normal operation
0
0~7
0.8
R/W
Duplex mode
1 = full duplex
0 = half duplex
It is valid only if bit 0.12 is set to be 0.
1
0~7
0.7
R/W Collision test
0
0~7
0[6:0]
RO Reserved
0
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com