Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 10Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 11Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
IP178G
Data Sheet
14 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
3.3
System clock & reset pins
Pin No.
Label
Type
Description
32
OSCI
I
25MHz system clock input
It is recommended to connect OSCI and X2 to a 25MHz
crystal.
If the clock source is from another chip or oscillator, the
clock should be active at least for 10ms before pin 35
RESETB de-asserted.
Pin 33 X2 should be left open in this application.
33
X2
O
Crystal pin
A 25Mhz crystal can be connected to OSCI and X2.
35
RESETB
IPH
Reset
It is a low active input pad with Schmitt trigger. The reset
time must be hold for more than 10 ms. If an R/C reset
circuit is used; the capacitor should be connected to GND
as shown in the figure.
3.4
Boundry scan & test mode
Pin No.
Label
Type
Description
38
TEST
IPL
Test mode enable
It should be connected to GND for normal operation
40
AUTO_FACTO
RY_TEST
IPH
Auto Factory Test (AFT
®) enable pin
RESETB
R
PVDD
C
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com