Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 12Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 13Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
IP178G
Data Sheet
16 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
3.6
Frame priority setting pins
Pin No.
Label
Type
Description
44
HIGH_PRI[0]
IPH/O
Port based priority setting, bit 0
It is an input signal during reset and its value is latched at
the end of reset. It acts as a link LED of port 5 after reset.
VIP port setting as follow,
HIGH_PRI [2:0]
Pin 42, 43, 44 –IP178G
high priority port number
Pin 89, 90, 91 –IP178GA
high priority port number
001
6, 7
010
5, 6, 7
011
7
101
0, 1
110
0, 1, 2
000
0
111
disable (default)
43
HIGH_PRI[1]
IPH/O
Port based priority setting, bit 1
For
the
port
based
priority
setting,
reference
HIGH_PRI[0] setting as detail.
It is an input signal during reset and its value is latched at
the end of reset. This pin acts as a link LED of port 6 after
reset.
42
HIGH_PRI[2]
IPH/O
Port based priority setting, bit 2
For
the
port
based
priority
setting,
reference
HIGH_PRI[0] setting as detail.
It is an input signal during reset and its value is latched at
the end of reset. This pin acts as a link LED of port 7 after
reset
48
COS_DIS
IPH/O
Class of service disable
Packets with high priority tag are handled as high priority
packets if the function is enabled.
1: COS disabled (default)
0: COS enable.
It is an input signal during reset and its value is latched at
the end of reset. It acts as a link LED of port 2 after reset.
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com