Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 23Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 24Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 25Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 26Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 27Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
IP178G
Data Sheet
27 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
4.7.3.2
IPv4/IPv6 DiffServ
IP178G checks the DiffServ field of a IPv4 frame or Traffic class field [7:2] (TC[7:2]) of a IPv6 frame and
uses them to decide the frame’s priority if MII register 21.30.[13] DIFFSERV_EN is enabled. IP178G
uses DiffServ or TC[7:2] as index to select one of 64 bits. If the bit is “1”, the received frame is handled as
a high priority frame. IP178G recognize the following DSCP (Differentiated Service Code Point) Octet as
high priority frame.
6’b101110
6’b001010
6’b010010
6’b011010
6’b100010
6’b11x000
6 byte
DA
IPv4 frame format
TYPE=0800
Preamble
SA
SFD
802.1Q tag
(optional)
DATA
FCS
6 byte
4 byte
2 byte
Header
Size
RES
VER=0100
4 bit
2 byte
4 bit
6 bit
DiffServ
2 bit
6 byte
DA
IPv6 frame format
TYPE=86DD
Preamble
SA
SFD
802.1Q tag
(optional)
DATA
FCS
6 byte
4 byte
2 byte
----
RES
VER=0110
4 bit
2 byte
4 bit
6 bit
Traffic Class[7:2]
2 bit
Figure 8 IPv4/IPv6 DiffServ frame
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com