Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 26Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 27Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 32Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 33Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
IP178G
Data Sheet
30 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
Source port ID
DA
SA
Trunk
ID
Register 22.11[2:0]
Hashing
Trunk 0:
Register 22.12[7:0]
defines the group to be
forwarded
Register 22.13[7:0]
defines the group to
be forwarded
Packet
port1
port0
Trunk 1:
port3
port4
port5
(2 LSB)
(2 bits)
destination port shifted
due to un-link
Figure 11 Load Balance Block Diagram
Link aggregation example:
Here have two trunk groups.
Trunk 0: port 0, 1
Trunk 1: port 5, 6, 7
The link aggregation parameters are set as:
AGGR_MODE: The aggregation mode determines which index would be used to search aggregation
mask table. Here provide four ways:
The four LSB of the SMAC
The four LSB of the DMAC
The four LSB of the SMAC xor DMAC
Source port ID
PHY22 REG11[2:0] = 0x0
(AGGR_MODE = SMAC)
AGGR_IDX_SEL: Link aggregation function only uses a 3-bit index to search aggregation mask table. To
achieve it, the aggregation index selection is used to extract 3-bit index from the mentioned in
AGGR_MODE.
PHY22 REG11[4:3] = 0x0
(AGGR_IDX_SEL = index[2:0])
AGGR_GROUP: The port mask is logically grouping a set of ports.
PHY22 REG21[7:0] = 0x03
(AGGR_GROUP0: port 0 and port 1)
PHY22 REG22[7:0] = 0xe0
(AGGR_GROUP1: port 5, 6, 7)
Aggregation mask table:
PHY22 REG14[7:0] = 8’b0011_1101 (AGGR_MASK0)
PHY22 REG15[7:0] = 8’b0101_1110 (AGGR_MASK1)
PHY22 REG16[7:0] = 8’b1001_1101 (AGGR_MASK2)
PHY22 REG17[7:0] = 8’b0011_1110
(AGGR_MASK3)
PHY22 REG18[7:0] = 8’b0101_1101 (AGGR_MASK4)
PHY22 REG19[7:0] = 8’b1001_1110 (AGGR_MASK5)
PHY22 REG20[7:0] = 8’b0011_1101 (AGGR_MASK6)
PHY22 REG21[7:0] = 8’b0101_1110 (AGGR_MASK7)
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com