Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 22Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 23Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 24Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 25Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 26Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 27Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
IP178G
Data Sheet
26 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
4.7.3
Frame base priority
4.7.3.1
VLAN tag and TCP/IP TOS
IP178G examines the specific bits of VLAN tag and TCP/IP TOS for priority frames if the frame base
priority is enabled. The packets will be handled as high priority frames if the tag value meets the high
priority requirement, that is, VLAN tag or TCP/IP TOS field bigger than 3. It is enabled by programming
the corresponding bit in MII register 21.0[10]~21.7[10]. The frame base priority function of each port can
be enabled individually.
IP178G supports an easy way to enable a sub set of CoS function without programming MII registers.
Frame base priority function of all ports is enabled if pin 48 COS_DIS is pulled low. The setting in register
takes precedence of the setting on pins.
VLAN field
TCI difinition
bit [15:13] : User ptiority 7~0
TYPE= 8100 TCI(Tag Control Information)
bit 12 : Canoical Format Indicator (CFI)
Byte
12~13
14~15
bit [11:0] : VLAN ID
IP178G uses bit[15:13] to define priority.
ToS field
IP header difinition
Byte 14
TYPE= 0800
IP header
bit [7:0] : IP protocol version number & header length
Byte
12~13
14~15
bit [11:0] : VLAN ID
IP178G uses bit[15:13] to define priority.
Byte 15 : Service type
bit [7:5] : IP Priority (Precedence) from 7~0
bit 4 : No Delay (D)
bit 3 : High Throughput
bit 2 : High Reliability (R)
bit [1:0] : Reserved
IP178G uses bit[7:5] to define priority.
0~3 : Low priority
4~7 : High priority
Figure 7
VLAN tag and TCP/IP TOS frame
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com