Electronic Components Datasheet Search
  English  ▼

X  

IP178G Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # IP178G
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178G Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button IP178G Datasheet HTML 25Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 26Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 27Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 32Page - List of Unclassifed Manufacturers IP178G Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
IP178G
Data Sheet
29 / 76
December 19, 2012
Copyright © 2012, IC Plus Corp.
IP178G-DS-R01.3
A copy of port5 output traffic
Port5
Port4
Port0
A copy of port4 output traffic
Figure 9 Port Mirroring Security Block Diagram
4.9
Link Aggergation
Link aggregation is used to provide a large throughput between two network nodes by using the
method of grouping a set of ports. If some of ports are in a trunk group, all ports in that trunk group shall
be in the same VLAN group.
Each trunk group may comprise 2 to 6 ports. Designer can configure the trunk group members
individually by writing non-zero values to the corresponding bits of a port in the registers 22.12[7:0] and
22.13[7:0] for trunk group 0 and trunk group 1. A trunk channel works as if a “big” port with multiple times
of bandwidth. If the destination port of a packet is un-link, IP178G forwards the packet to the other port of
the trunk (auto recovery).
Trunk 0:
Port1 un-link
port2
port1
port0
Traffic is changed from port 1
to port0
Figure 10 Trunk Channel Behavior Block Diagram
To fully utilize the bandwidth in a trunk channel, IP178G supports load balance function. A physical
port of a trunk forwards a packet only if the trunk group of the packet matches the group setting of the
port. That is, when a packet is forwarded to a port in a trunk, its destination port is according to trunk
group.
The aggregation mode determines which index would be used to search aggregation mask table.
Here provide four ways: the four LSB of the SMAC, the four LSB of the DMAC, the four LSB of the SMAC
xor DMAC, and Source port ID.
Link aggregation function only uses a 3-bit index to search aggregation mask table. To achieve it,
the aggregation index selection is used to extract a 3-bit index from the mentioned in AGGR_MODE.
If the destination port of a trunk is un-link, the packet will be forward the port shifted by 2. If the port
is un-link, too, the packet will be forward the port shifted by 3. For example, if port 3 is un-link, its packet
will be forwarded to port 5. If port 5 is un-link, too, the packet will be forwarded to port 4.
www.BDTIC.com/ICplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com