Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 161 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 161 Page - Analog Devices

Back Button AD9174 Datasheet HTML 156Page - Analog Devices AD9174 Datasheet HTML 157Page - Analog Devices AD9174 Datasheet HTML 158Page - Analog Devices AD9174 Datasheet HTML 159Page - Analog Devices AD9174 Datasheet HTML 160Page - Analog Devices AD9174 Datasheet HTML 161Page - Analog Devices AD9174 Datasheet HTML 162Page - Analog Devices AD9174 Datasheet HTML 163Page - Analog Devices AD9174 Datasheet HTML 164Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 161 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 161 of 164
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
FTW21_0
FTW21[7:0]
paged by the MAINDAC_PAGE control in
Register 0x008.
0x857
DDSM_HOPF_
FTW21_1
[7:0]
DDSM_HOPF_
FTW21[15:8]
Hopping frequency FTW21. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x858
DDSM_HOPF_
FTW21_2
[7:0]
DDSM_HOPF_
FTW21[23:16]
Hopping frequency FTW21. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x859
DDSM_HOPF_
FTW21_3
[7:0]
DDSM_HOPF_
FTW21[31:24]
Hopping frequency FTW21. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x85A
DDSM_HOPF_
FTW22_0
[7:0]
DDSM_HOPF_
FTW22[7:0]
Hopping frequency FTW22. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x85B
DDSM_HOPF_
FTW22_1
[7:0]
DDSM_HOPF_
FTW22[15:8]
Hopping frequency FTW22. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x85C
DDSM_HOPF_
FTW22_2
[7:0]
DDSM_HOPF_
FTW22[23:16]
Hopping frequency FTW22. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x85D
DDSM_HOPF_
FTW22_3
[7:0]
DDSM_HOPF_
FTW22[31:24]
Hopping frequency FTW22. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x85E
DDSM_HOPF_
FTW23_0
[7:0]
DDSM_HOPF_
FTW23[7:0]
Hopping frequency FTW23. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x85F
DDSM_HOPF_
FTW23_1
[7:0]
DDSM_HOPF_
FTW23[15:8]
Hopping frequency FTW23. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x860
DDSM_HOPF_
FTW23_2
[7:0]
DDSM_HOPF_
FTW23[23:16]
Hopping frequency FTW23. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x861
DDSM_HOPF_
FTW23_3
[7:0]
DDSM_HOPF_
FTW23[31:24]
Hopping frequency FTW23. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x862
DDSM_HOPF_
FTW24_0
[7:0]
DDSM_HOPF_
FTW24[7:0]
Hopping frequency FTW24. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x863
DDSM_HOPF_
FTW24_1
[7:0]
DDSM_HOPF_
FTW24[15:8]
Hopping frequency FTW24. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x864
DDSM_HOPF_
FTW24_2
[7:0]
DDSM_HOPF_
FTW24[23:16]
Hopping frequency FTW24. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x865
DDSM_HOPF_
FTW24_3
[7:0]
DDSM_HOPF_
FTW24[31:24]
Hopping frequency FTW24. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x866
DDSM_HOPF_
FTW25_0
[7:0]
DDSM_HOPF_
FTW25[7:0]
Hopping frequency FTW25. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x867
DDSM_HOPF_
FTW25_1
[7:0]
DDSM_HOPF_
FTW25[15:8]
Hopping frequency FTW25. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x868
DDSM_HOPF_
FTW25_2
[7:0]
DDSM_HOPF_
FTW25[23:16]
Hopping frequency FTW25. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x869
DDSM_HOPF_
FTW25_3
[7:0]
DDSM_HOPF_
FTW25[31:24]
Hopping frequency FTW25. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com