Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 158 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 158 Page - Analog Devices

Back Button AD9174 Datasheet HTML 154Page - Analog Devices AD9174 Datasheet HTML 155Page - Analog Devices AD9174 Datasheet HTML 156Page - Analog Devices AD9174 Datasheet HTML 157Page - Analog Devices AD9174 Datasheet HTML 158Page - Analog Devices AD9174 Datasheet HTML 159Page - Analog Devices AD9174 Datasheet HTML 160Page - Analog Devices AD9174 Datasheet HTML 161Page - Analog Devices AD9174 Datasheet HTML 162Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 164 page
background image
AD9174
Data Sheet
Rev. A | Page 158 of 164
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
FTW6_1
FTW6[15:8]
paged by the MAINDAC_PAGE control in
Register 0x008.
0x81C
DDSM_HOPF_
FTW6_2
[7:0]
DDSM_HOPF_
FTW6[23:16]
Hopping frequency FTW6. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x81D
DDSM_HOPF_
FTW6_3
[7:0]
DDSM_HOPF_
FTW6[31:24]
Hopping frequency FTW6. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x81E
DDSM_HOPF_
FTW7_0
[7:0]
DDSM_HOPF_
FTW7[7:0]
Hopping frequency FTW7. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x81F
DDSM_HOPF_
FTW7_1
[7:0]
DDSM_HOPF_
FTW7[15:8]
Hopping frequency FTW7. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x820
DDSM_HOPF_
FTW7_2
[7:0]
DDSM_HOPF_
FTW7[23:16]
Hopping frequency FTW7. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x821
DDSM_HOPF_
FTW7_3
[7:0]
DDSM_HOPF_
FTW7[31:24]
Hopping frequency FTW7. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x822
DDSM_HOPF_
FTW8_0
[7:0]
DDSM_HOPF_
FTW8[7:0]
Hopping frequency FTW8. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x823
DDSM_HOPF_
FTW8_1
[7:0]
DDSM_HOPF_
FTW8[15:8]
Hopping frequency FTW8. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x824
DDSM_HOPF_
FTW8_2
[7:0]
DDSM_HOPF_
FTW8[23:16]
Hopping frequency FTW8. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x825
DDSM_HOPF_
FTW8_3
[7:0]
DDSM_HOPF_
FTW8[31:24]
Hopping frequency FTW8. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x826
DDSM_HOPF_
FTW9_0
[7:0]
DDSM_HOPF_
FTW9[7:0]
Hopping frequency FTW9. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x827
DDSM_HOPF_
FTW9_1
[7:0]
DDSM_HOPF_
FTW9[15:8]
Hopping frequency FTW9. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x828
DDSM_HOPF_
FTW9_2
[7:0]
DDSM_HOPF_
FTW9[23:16]
Hopping frequency FTW9. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x829
DDSM_HOPF_
FTW9_3
[7:0]
DDSM_HOPF_
FTW9[31:24]
Hopping frequency FTW9. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x82A
DDSM_HOPF_
FTW10_0
[7:0]
DDSM_HOPF_
FTW10[7:0]
Hopping frequency FTW10. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x82B
DDSM_HOPF_
FTW10_1
[7:0]
DDSM_HOPF_
FTW10[15:8]
Hopping frequency FTW10. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x82C
DDSM_HOPF_
FTW10_2
[7:0]
DDSM_HOPF_
FTW10[23:16]
Hopping frequency FTW10. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x82D
DDSM_HOPF_
FTW10_3
[7:0]
DDSM_HOPF_
FTW10[31:24]
Hopping frequency FTW10. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x82E
DDSM_HOPF_
FTW11_0
[7:0]
DDSM_HOPF_
FTW11[7:0]
Hopping frequency FTW11. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com