Electronic Components Datasheet Search
  English  ▼

X  

AD9174 Datasheet(PDF) 159 Page - Analog Devices

Part # AD9174
Description  Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9174 Datasheet(HTML) 159 Page - Analog Devices

Back Button AD9174 Datasheet HTML 155Page - Analog Devices AD9174 Datasheet HTML 156Page - Analog Devices AD9174 Datasheet HTML 157Page - Analog Devices AD9174 Datasheet HTML 158Page - Analog Devices AD9174 Datasheet HTML 159Page - Analog Devices AD9174 Datasheet HTML 160Page - Analog Devices AD9174 Datasheet HTML 161Page - Analog Devices AD9174 Datasheet HTML 162Page - Analog Devices AD9174 Datasheet HTML 163Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 164 page
background image
Data Sheet
AD9174
Rev. A | Page 159 of 164
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x82F
DDSM_HOPF_
FTW11_1
[7:0]
DDSM_HOPF_
FTW11[15:8]
Hopping frequency FTW11. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x830
DDSM_HOPF_
FTW11_2
[7:0]
DDSM_HOPF_
FTW11[23:16]
Hopping frequency FTW11. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x831
DDSM_HOPF_
FTW11_3
[7:0]
DDSM_HOPF_
FTW11[31:24]
Hopping frequency FTW11. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x832
DDSM_HOPF_
FTW12_0
[7:0]
DDSM_HOPF_
FTW12[7:0]
Hopping frequency FTW12. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x833
DDSM_HOPF_
FTW12_1
[7:0]
DDSM_HOPF_
FTW12[15:8]
Hopping frequency FTW12. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x834
DDSM_HOPF_
FTW12_2
[7:0]
DDSM_HOPF_
FTW12[23:16]
Hopping frequency FTW12. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x835
DDSM_HOPF_
FTW12_3
[7:0]
DDSM_HOPF_
FTW12[31:24]
Hopping frequency FTW12. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x836
DDSM_HOPF_
FTW13_0
[7:0]
DDSM_HOPF_
FTW13[7:0]
Hopping frequency FTW13. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x837
DDSM_HOPF_
FTW13_1
[7:0]
DDSM_HOPF_
FTW13[15:8]
Hopping frequency FTW13. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x838
DDSM_HOPF_
FTW13_2
[7:0]
DDSM_HOPF_
FTW13[23:16]
Hopping frequency FTW13. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x839
DDSM_HOPF_
FTW13_3
[7:0]
DDSM_HOPF_
FTW13[31:24]
Hopping frequency FTW13. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x83A
DDSM_HOPF_
FTW14_0
[7:0]
DDSM_HOPF_
FTW14[7:0]
Hopping frequency FTW14. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x83B
DDSM_HOPF_
FTW14_1
[7:0]
DDSM_HOPF_
FTW14[15:8]
Hopping frequency FTW14. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x83C
DDSM_HOPF_
FTW14_2
[7:0]
DDSM_HOPF_
FTW14[23:16]
Hopping frequency FTW14. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x83D
DDSM_HOPF_
FTW14_3
[7:0]
DDSM_HOPF_
FTW14[31:24]
Hopping frequency FTW14. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x83E
DDSM_HOPF_
FTW15_0
[7:0]
DDSM_HOPF_
FTW15[7:0]
Hopping frequency FTW15. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x83F
DDSM_HOPF_
FTW15_1
[7:0]
DDSM_HOPF_
FTW15[15:8]
Hopping frequency FTW15. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x840
DDSM_HOPF_
FTW15_2
[7:0]
DDSM_HOPF_
FTW15[23:16]
Hopping frequency FTW15. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x841
DDSM_HOPF_
FTW15_3
[7:0]
DDSM_HOPF_
FTW15[31:24]
Hopping frequency FTW15. This control is
paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x842
DDSM_HOPF_
FTW16_0
[7:0]
DDSM_HOPF_
FTW16[7:0]
Hopping frequency FTW16. This control is
paged by the MAINDAC_PAGE control in
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com