Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-SC583 Datasheet HTML 1Page - Analog Devices ADSP-SC583 Datasheet HTML 2Page - Analog Devices ADSP-SC583 Datasheet HTML 3Page - Analog Devices ADSP-SC583 Datasheet HTML 4Page - Analog Devices ADSP-SC583 Datasheet HTML 5Page - Analog Devices ADSP-SC583 Datasheet HTML 6Page - Analog Devices ADSP-SC583 Datasheet HTML 7Page - Analog Devices ADSP-SC583 Datasheet HTML 8Page - Analog Devices ADSP-SC583 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 173 page
background image
Rev. B
|
Page 3 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
GENERAL DESCRIPTION
The ADSP-SC58x/ADSP-2158x processors are members of the
SHARC
® family of products. The ADSP-SC58x processor is
based on the SHARC+ dual core and the Arm
® Cortex®-A5
core. The ADSP-SC58x/ADSP-2158x SHARC processors are
members of the SIMD SHARC family of digital signal proces-
sors (DSPs) that feature Analog Devices, Inc., Super Harvard
Architecture
®. These 32-bit/40-bit/64-bit floating-point proces-
sors are optimized for high performance audio/floating-point
applications with large, on-chip, static random-access memory
(SRAM), multiple internal buses that eliminate input/output
(I/O) bottlenecks, and innovative digital audio interfaces (DAI).
New additions to the SHARC+ core include cache enhance-
ments and branch prediction, while maintaining instruction set
compatibility to previous SHARC products.
By integrating a set of industry leading system peripherals and
memory (see Table 1, Table 2, and Table 3), the Arm Cortex-A5
and SHARC processor is the platform of choice for applications
that require programmability similar to reduced instruction set
computing (RISC), multimedia support, and leading edge signal
processing in one integrated package. These applications span a
wide array of markets, including automotive, professional
audio, and industrial-based applications that require high float-
ing-point performance.
Table 2 provides comparison information for features that vary
across the standard processors. (N/A in the table means not
applicable.)
Table 3 provides comparison information for features that vary
across the automotive processors. (N/A in the table means not
applicable.)
Table 1. Common Product Features
Product Features
ADSP-SC58x/ADSP-2158x
DAI (includes SRU)
2
Full SPORTs
4 per DAI
S/PDIF receive/transmit
1per DAI
ASRCs
4 pair per DAI
PCGs
2 per DAI
I2C (TWI)
3
Quad-data bit SPI
1
Dual-data bit SPI
2
CAN2.0
2
UARTs
3
Link ports
2
Enhanced PPI
1
GP timer1
8
GP counter
1
Enhanced PWMs2
3
Watchdog timers
2
ADC control module
Yes
Static memory controller
Yes
Hardware accelerators
High performance FFT/IFFT
Yes
FIR/IIR
Yes
Harmonic analysis engine
Yes
SINC filter
Yes
Security cryptographic engine Yes
Multichannel 12-bit ADC
8-channel
1 Eight timers are available in the 529-BGA package only. The 349-BGA package
does not include Timer 6 and Timer 7.
2 On the 349-BGA package, the PWM2_AH/AL and PWM2_BH/BL signals are
not available. The PWM2_CH/CL and PWM2_DH/DL signals, however, are
available and can be used in conjunction with PWM2_TRIP0 and PWM2_SYNC
signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com