Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 70 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 66Page - Analog Devices ADSP-SC583 Datasheet HTML 67Page - Analog Devices ADSP-SC583 Datasheet HTML 68Page - Analog Devices ADSP-SC583 Datasheet HTML 69Page - Analog Devices ADSP-SC583 Datasheet HTML 70Page - Analog Devices ADSP-SC583 Datasheet HTML 71Page - Analog Devices ADSP-SC583 Datasheet HTML 72Page - Analog Devices ADSP-SC583 Datasheet HTML 73Page - Analog Devices ADSP-SC583 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 173 page
background image
Rev. B
|
Page 70 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
PB_14
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTB Position 14 | LP1 Data 7
| PWM0 Channel C Low Side | SMC0
Data 8 | TIMER0 Timer 5 | CNT0 Count
Down and Gate
Notes: No notes
PB_15
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTB Position 15 | LP1
Acknowledge | PWM0 Shutdown
Input 0 | SMC0 Write Enable | TIMER0
Timer 1
Notes: No notes
PCIE0_CLKM
Input
NA
PullDown
none
none
VDD_PCIE
Desc: PCIE0 CLK –
Notes: No notes
PCIE0_CLKP
Input
NA
PullDown
none
none
VDD_PCIE
Desc: PCIE0 CLK +
Notes: No notes
PCIE0_REF
a
NA
PullDown
none
none
VDD_PCIE
Desc: PCIE0 Reference
Notes: No notes
PCIE0_RXM
Input
NA
PullDown
none
none
VDD_PCIE_RX
Desc: PCIE0 RX –
Notes: No notes
PCIE0_RXP
Input
NA
PullDown
none
none
VDD_PCIE_RX
Desc: PCIE0 RX +
Notes: No notes
PCIE0_TXM
InOut
J
PullDown
none
none
VDD_PCIE_TX
Desc: PCIE0 TX –
Notes: No notes
PCIE0_TXP
InOut
J
PullDown
none
none
VDD_PCIE_TX
Desc: PCIE0 TX +
Notes: No notes
PC_00
InOut
H
PullDown
none
none
VDD_EXT
Desc: PORTC Position 0 | LP1 Clock |
PWM0 Channel B Low Side | SMC0
Read Enable | SPI0 Slave Select
Output 4
Notes: No notes
PC_01
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 1 | SPI2 Clock
Notes: No notes
PC_02
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 2 | SPI2 Master
In, Slave Out
Notes: No notes
PC_03
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 3 | SPI2 Master
Out, Slave In
Notes: No notes
PC_04
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 4 | SPI2 Data 2
Notes: No notes
PC_05
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 5 | SPI2 Data 3
Notes: No notes
PC_06
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 6 | SPI2 Slave
Select Output 1 | SPI2 Slave Select
Input
Notes: No notes
PC_07
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 7 | CAN0
Receive | SMC0 Memory Select 2 |
SPI0 Slave Select Output 1 | TIMER0
Alternate Capture Input 3
Notes: No notes
Table 27. ADSP-SC58x/ADSP-2158x Designer Quick Reference (Continued)
Signal Name
Type
Driver
Type
Internal
Term
Reset
Term
Reset
Drive
Power Domain
Description and Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com