Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 80 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 76Page - Analog Devices ADSP-SC583 Datasheet HTML 77Page - Analog Devices ADSP-SC583 Datasheet HTML 78Page - Analog Devices ADSP-SC583 Datasheet HTML 79Page - Analog Devices ADSP-SC583 Datasheet HTML 80Page - Analog Devices ADSP-SC583 Datasheet HTML 81Page - Analog Devices ADSP-SC583 Datasheet HTML 82Page - Analog Devices ADSP-SC583 Datasheet HTML 83Page - Analog Devices ADSP-SC583 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 173 page
background image
Rev. B
|
Page 80 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
AUTOMOTIVE USE ONLY
TJ
Junction Temperature 349-Lead CSP_BGA
(Automotive Grade)10
TAMBIENT = –40°C to +105°C
CCLK ≤ 450 MHz
–40
+133
°C
TJ
Junction Temperature 529-Lead CSP_BGA
(Automotive Grade)10
TAMBIENT = –40°C to +90°C
CCLK ≤ 450 MHz
–40
+133
°C
TJ
Junction Temperature 349-Lead CSP_BGA
(Automotive Grade)10
TAMBIENT = –40°C to +100°C
CCLK ≤ 500 MHz
–40
+133
°C
TJ
Junction Temperature 529-Lead CSP_BGA
(Automotive Grade)10
TAMBIENT = –40°C to +85°C
CCLK ≤ 500 MHz
–40
+133
°C
1 Applies to DDR2/DDR3/LPDDR signals.
2 If not used, VDD_USB must be connected to 3.3 V.
3 Applies to DMC0_VREF and DMC1_VREF pins.
4 VHADC_VREF must always be less than VDD_HADC.
5 Parameter value applies to all input and bidirectional pins except the TWI, DMC, USB, PCIe, and MLB pins.
6 Parameter applies to TWI signals.
7 TWI signals are pulled up to VBUSTWI. See Table 28.
8 This parameter applies to all DMC0/1 signals in DDR2/DDR3 mode.
9 This parameter applies to DMC0/1 signals in LPDDR mode.
10Automotive application use profile only. Not supported for nonautomotive use. Contact Analog Devices for more information.
Table 28. TWIxVSEL1 Settings and VDD_EXT/VBUSTWI
VBUSTWI
TWIxVSEL
VDD_EXT Nominal
Min
Nominal
Max
Unit
02
3.30
3.13
3.30
3.47
V
1
3.30
4.75
5.00
5.25
V
1 TWIxVSEL are the TWI voltage select bits in the PADS_PCFG0 register. See the ADSP-SC58x/ADSP-2158x SHARC+ Processor Hardware Reference.
2 Designs must comply with the VDD_EXT and VBUSTWI voltages specified for the default TWIxVSEL setting for correct JTAG boundary scan operation during reset.
Parameter
Conditions
Min
Nominal
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com