Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 89 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 85Page - Analog Devices ADSP-SC583 Datasheet HTML 86Page - Analog Devices ADSP-SC583 Datasheet HTML 87Page - Analog Devices ADSP-SC583 Datasheet HTML 88Page - Analog Devices ADSP-SC583 Datasheet HTML 89Page - Analog Devices ADSP-SC583 Datasheet HTML 90Page - Analog Devices ADSP-SC583 Datasheet HTML 91Page - Analog Devices ADSP-SC583 Datasheet HTML 92Page - Analog Devices ADSP-SC583 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 173 page
background image
Rev. B
|
Page 89 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
TIMING SPECIFICATIONS
Power-Up Reset Timing
Table 43 and Figure 9 show the relationship between power supply startup and processor reset timing, related to the clock generation unit
(CGU) and reset control unit (RCU).
In Figure 9, VDD_SUPPLIES are VDD_INT, VDD_EXT, VDD_DMC, VDD_USB, VDD_HADC, VDD_RTC, VDD_PCI_TX, VDD_PCI_RX, and VDD_PCI_CORE.
Table 43. Power-Up Reset Timing
Parameter
Min
Max
Unit
Timing Requirement
tRST_IN_PWR
SYS_HWRST Deasserted after VDD_SUPPLIES (VDD_INT, VDD_EXT, VDD_DMC, VDD_USB,
VDD_HADC, VDD_RTC, VDD_PCI_TX, VDD_PCI_RX, VDD_PCI_CORE) and SYS_CLKINx are
Stable and Within Specification
11 × tCKIN
ns
Figure 9. Power-Up Reset Timing
SYS_HWRST
tRST_IN_PWR
SYS_CLKIN0/1
V
DD_SUPPLIES
NOTE: V
DD_SUPPLIES
REFER TO V
DD_INT
, V
DD_EXT
, V
DD_DMC
, V
DD_USB
, V
DD_HADC
, V
DD_RTC
, V
DD_PCI_TX
, V
DD_PCI_RX
, AND V
DD_PCI_CORE
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com