Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 19 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 15Page - Analog Devices ADSP-SC583 Datasheet HTML 16Page - Analog Devices ADSP-SC583 Datasheet HTML 17Page - Analog Devices ADSP-SC583 Datasheet HTML 18Page - Analog Devices ADSP-SC583 Datasheet HTML 19Page - Analog Devices ADSP-SC583 Datasheet HTML 20Page - Analog Devices ADSP-SC583 Datasheet HTML 21Page - Analog Devices ADSP-SC583 Datasheet HTML 22Page - Analog Devices ADSP-SC583 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 173 page
background image
Rev. B
|
Page 19 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
Watchdog Timer (WDT)
Two on-chip software watchdog timers (WDT) can be used by
the Arm Cortex-A5 and/or SHARC+ cores. A software watch-
dog can improve system availability by forcing the processors to
a known state, via a general-purpose interrupt, or a fault, if the
timer expires before being reset by software.
The programmer initializes the count value of the timer, enables
the appropriate interrupt, then enables the timer. Thereafter,
the software must reload the counter before it counts down to
zero from the programmed value, protecting the system from
remaining in an unknown state where software that normally
resets the timer stops running due to an external noise condi-
tion or software error.
General-Purpose Counters (CNT)
A 32-bit counter (CNT) is provided that can operate in general-
purpose up/down count modes and can sense 2-bit quadrature
or binary codes as typically emitted by industrial drives or man-
ual thumbwheels. Count direction is either controlled by a level-
sensitive input pin or by two edge detectors.
A third counter input can provide flexible zero marker support
and can input the push button signal of thumbwheel devices. All
three CNT0 pins have a programmable debouncing circuit.
Internal signals forwarded to a GP timer enable this timer to
measure the intervals between count events. Boundary registers
enable auto-zero operation or simple system warning by inter-
rupts when programmed count values are exceeded.
PCI Express (PCIe)
A PCI express interface (PCIe) is available on some product
variants (see Table 2 and Table 3). This single, bidirectional lane
can be configured to be either a root complex (RC) or end point
(EP) system. The PCIe interface has the following features:
• Designed to be compliant with the PCI Express Base
Specification 3.0
• Support for transfers at either 2.5 Gbps (Gen 1) or 5.0 Gbps
(Gen 2) in each direction
• Support for 8b/10b encode and decode
• Lane reversal and lane polarity inversion
• Flow control of data in both the transmit and receive
directions
• Support for removal of corrupted packets for error detec-
tion and recovery
• Maximum transaction payload of 256 bytes
Housekeeping Analog-to-Digital Converter (HADC)
The housekeeping analog-to-digital converter (HADC) pro-
vides a general-purpose, multichannel successive
approximation ADC. It supports the following set of features:
• 12-bit ADC core with built in sample-and-hold.
• 8 single-ended input channels that can be extended to 15
channels by adding an external channel multiplexer.
• Throughput rates up to 1 MSPS.
• Single external reference with analog inputs between
0 V and 3.3 V.
• Selectable ADC clock frequency including the ability to
program a prescaler.
• Adaptable conversion type; allows single or continuous
conversion with option of autoscan.
• Autosequencing capability with up to 15 autoconversions
in a single session. Each conversion can be programmed to
select 1 to 15 input channels.
• 16 data registers (individually addressable) to store conver-
sion values.
USB 2.0 On the Go (OTG) Dual-Role Device Controller
There are two USB modules + PHY. USB0 supports HS/FS/LS
USB 2.0 on the go (OTG) and USB1 supports HS/FS USB 2.0
only and can be programmed to be a host or device.
The USB 2.0 OTG dual-role device controller provides a low
cost connectivity solution in industrial applications, as well as
consumer mobile devices such as cell phones, digital still cam-
eras, and MP3 players. The USB 2.0 controller allows these
devices to transfer data using a point to point USB connection
without the need for a PC host. The module can operate in a tra-
ditional USB peripheral only mode as well as the host mode
presented in the OTG supplement to the USB 2.0 specification.
The USB clock is provided through a dedicated external crystal
or crystal oscillator.
The USB OTG dual-role device controller includes a PLL with
programmable multipliers to generate the necessary internal
clocking frequency for the USB.
Media Local Bus (Media LB)
The automotive model has a Media LB (MLB) slave interface
that allows the processors to function as a media local bus
device. It includes support for both 3-pin and 6-pin media local
bus protocols. The MLB 3-pin configuration supports speeds up
to 1024 × FS. The MLB 6-pin configuration supports a speed of
2048 × FS. The MLB also supports up to 64 logical channels
with up to 468 bytes of data per MLB frame.
The MLB interface supports MOST25, MOST50, and MOST150
data rates and operates in slave mode only.
2-Wire Controller Interface (TWI)
The processors include three 2-wire interface (TWI) modules
that provide a simple exchange method of control data between
multiple devices. The TWI module is compatible with the
widely used I2C bus standard. The TWI module offers the
capabilities of simultaneous master and slave operation and
support for both 7-bit addressing and multimedia data arbitra-
tion. The TWI interface utilizes two pins for transferring clock
(TWI_SCL) and data (TWI_SDA) and supports the protocol at
speeds up to 400 kb/sec. The TWI interface pins are compatible
with 5 V logic levels.
Additionally, the TWI module is fully compatible with serial
camera control bus (SCCB) functionality for easier control of
various CMOS camera sensor devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com