| Electronic Components Datasheet Search |
|
ADSP-SC583 Datasheet(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC583 Datasheet(HTML) 38 Page - Analog Devices |
|
38 / 173 page ![]() Rev. B | Page 38 of 173 | December 2018 ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587 SYS_BMODE0 Boot Mode Control n Not Muxed SYS_BMODE0 SYS_BMODE1 Boot Mode Control n Not Muxed SYS_BMODE1 SYS_BMODE2 Boot Mode Control n Not Muxed SYS_BMODE2 SYS_CLKIN0 Clock/Crystal Input Not Muxed SYS_CLKIN0 SYS_CLKIN1 Clock/Crystal Input Not Muxed SYS_CLKIN1 SYS_CLKOUT Processor Clock Output Not Muxed SYS_CLKOUT SYS_FAULT Active High Fault Output Not Muxed SYS_FAULT SYS_FAULT Active Low Fault Output Not Muxed SYS_FAULT SYS_HWRST Processor Hardware Reset Control Not Muxed SYS_HWRST SYS_RESOUT Reset Output Not Muxed SYS_RESOUT SYS_XTAL0 Crystal Output Not Muxed SYS_XTAL0 SYS_XTAL1 Crystal Output Not Muxed SYS_XTAL1 TM0_ACI0 TIMER0 Alternate Capture Input 0 C PC_14 TM0_ACI1 TIMER0 Alternate Capture Input 1 B PB_03 TM0_ACI2 TIMER0 Alternate Capture Input 2 D PD_13 TM0_ACI3 TIMER0 Alternate Capture Input 3 C PC_07 TM0_ACI4 TIMER0 Alternate Capture Input 4 B PB_10 TM0_ACLK1 TIMER0 Alternate Clock 1 D PD_08 TM0_ACLK2 TIMER0 Alternate Clock 2 D PD_09 TM0_ACLK3 TIMER0 Alternate Clock 3 B PB_00 TM0_ACLK4 TIMER0 Alternate Clock 4 B PB_01 TM0_CLK TIMER0 Clock C PC_11 TM0_TMR0 TIMER0 Timer 0 E PE_09 TM0_TMR1 TIMER0 Timer 1 B PB_15 TM0_TMR2 TIMER0 Timer 2 B PB_10 TM0_TMR3 TIMER0 Timer 3 B PB_07 TM0_TMR4 TIMER0 Timer 4 B PB_08 TM0_TMR5 TIMER0 Timer 5 B PB_14 TRACE0_CLK TRACE0 Trace Clock D PD_10 TRACE0_D00 TRACE0 Trace Data 0 D PD_02 TRACE0_D01 TRACE0 Trace Data 1 D PD_03 TRACE0_D02 TRACE0 Trace Data 2 D PD_04 TRACE0_D03 TRACE0 Trace Data 3 D PD_05 TRACE0_D04 TRACE0 Trace Data 4 D PD_06 TRACE0_D05 TRACE0 Trace Data 5 D PD_07 TRACE0_D06 TRACE0 Trace Data 6 D PD_08 TRACE0_D07 TRACE0 Trace Data 7 D PD_09 TWI0_SCL TWI0 Serial Clock Not Muxed TWI0_SCL TWI0_SDA TWI0 Serial Data Not Muxed TWI0_SDA TWI1_SCL TWI1 Serial Clock Not Muxed TWI1_SCL TWI1_SDA TWI1 Serial Data Not Muxed TWI1_SDA TWI2_SCL TWI2 Serial Clock Not Muxed TWI2_SCL TWI2_SDA TWI2 Serial Data Not Muxed TWI2_SDA UART0_CTS UART0 Clear to Send D PD_00 UART0_RTS UART0 Request to Send C PC_15 UART0_RX UART0 Receive C PC_14 UART0_TX UART0 Transmit C PC_13 UART1_CTS UART1 Clear to Send E PE_01 Table 12. ADSP-SC58x/ADSP-2158x 349-Ball CSP_BGA Signal Descriptions (Continued) Signal Name Description Port Pin Name |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |