Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 12 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 8Page - Analog Devices ADSP-SC583 Datasheet HTML 9Page - Analog Devices ADSP-SC583 Datasheet HTML 10Page - Analog Devices ADSP-SC583 Datasheet HTML 11Page - Analog Devices ADSP-SC583 Datasheet HTML 12Page - Analog Devices ADSP-SC583 Datasheet HTML 13Page - Analog Devices ADSP-SC583 Datasheet HTML 14Page - Analog Devices ADSP-SC583 Datasheet HTML 15Page - Analog Devices ADSP-SC583 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 173 page
background image
Rev. B
|
Page 12 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
System Crossbars (SCBs)
The system crossbars (SCBs) are the fundamental building
blocks of a switch-fabric style for on-chip system bus intercon-
nection. The SCBs connect system bus masters to system bus
slaves, providing concurrent data transfer between multiple bus
masters and multiple bus slaves. A hierarchical model—built
from multiple SCBs—provides a power and area efficient sys-
tem interconnection.
The SCBs provide the following features:
• Highly efficient, pipelined bus transfer protocol for sus-
tained throughput
• Full-duplex bus operation for flexibility and reduced
latency
• Concurrent bus transfer support to allow multiple bus
masters to access bus slaves simultaneously
• Protection model (privileged/secure) support for selective
bus interconnect protection
Table 7. Memory Map of Mapped I/Os1
Byte Address Space
Arm Cortex-A5: Data Access
and Instruction Fetch;
SHARC+: Data Access
Normal Word Address Space
SHARC+ Data Access
VISA Address Space
SHARC+ Instruction Fetch
ISA Address Space
SHARC+ Instruction Fetch
SMC Bank 0 (64 MB) 0x40000000–0x43FFFFFF
0x01000000–0x01FFFFFF
0x00F00000–0x00F3FFFF
0x00700000–0x0073FFFF
SMC Bank 1 (64 MB) 0x44000000–0x47FFFFFF
Not applicable
Not applicable
Not applicable
SMC Bank 2 (64 MB) 0x48000000–0x4BFFFFFF
Not applicable
Not applicable
Not applicable
SMC Bank 3 (64 MB) 0x4C000000–0x4FFFFFFF
Not applicable
Not applicable
Not applicable
PCIe Data (256 MB)
0x50000000–0x5007FFFF
0x02000000–0x03FFFFFF
0x00F40000–0x00F7FFFF
0x00740000–0x0077FFFF
0x50080000–0x5017FFFF
Not applicable
0x50180000–0x57FFFFFF
Not applicable
Not applicable
0x58000000–0x5FFFFFFF
Not applicable
Not applicable
Not applicable
SPI2 Memory
(512 MB)
0x60000000–0x600FFFFF
0x04000000–0x07FFFFFF
0x00F80000–0x00FFFFFF
0x00780000–0x007FFFFF
0x60100000–0x602FFFFF
Not applicable
0x60300000–0x6FFFFFFF
Not applicable
Not applicable
0x70000000–0x7FFFFFFF
Not applicable
Not applicable
Not applicable
1 The Arm Cortex-A5 can access the entire byte address space. The SHARC+ VISA/ISA address space for instruction fetch and the normal word address space for data access do
not cover the entire byte address space.
Table 8. DMC Memory Map1
Byte Address Space
Arm Cortex-A5: Data Access
and Instruction Fetch;
SHARC+: Data Access
Normal Word Address Space
SHARC+ Data Access
VISA Address Space
SHARC+ Instruction Fetch
ISA Address Space
SHARC+ Instruction Fetch
DMC0 (1 GB)
0x80000000–0x805FFFFF
0x10000000–0x17FFFFFF
Not applicable
0x00400000–0x004FFFFF
0x80600000–0x809FFFFF
Not applicable
Not applicable
0x80A00000–0x80FFFFFF
0x00800000–0x00AFFFFF
Not applicable
0x81000000–0x9FFFFFFF
Not applicable
Not applicable
0xA0000000–0xBFFFFFFF
Not applicable
Not applicable
Not applicable
DMC1 (1 GB)
0xC0000000–0xC05FFFFF
0x18000000–0x1FFFFFFF
Not applicable
0x00600000–0x006FFFFF
0xC0600000–0xC09FFFFF
Not applicable
Not applicable
0xC0A00000–0xC0FFFFFF
0x00C00000–0x00EFFFFF
Not applicable
0xC1000000–0xDFFFFFFF
Not applicable
Not applicable
0xE0000000–0xFFFFFFFF
Not applicable
Not applicable
Not applicable
1 The Arm Cortex-A5 can access the entire byte address space. The SHARC+ VISA/ISA address space for instruction fetch and the normal word address space for data access
do not cover the entire byte address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com