Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 15 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 11Page - Analog Devices ADSP-SC583 Datasheet HTML 12Page - Analog Devices ADSP-SC583 Datasheet HTML 13Page - Analog Devices ADSP-SC583 Datasheet HTML 14Page - Analog Devices ADSP-SC583 Datasheet HTML 15Page - Analog Devices ADSP-SC583 Datasheet HTML 16Page - Analog Devices ADSP-SC583 Datasheet HTML 17Page - Analog Devices ADSP-SC583 Datasheet HTML 18Page - Analog Devices ADSP-SC583 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 173 page
background image
Rev. B
|
Page 15 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
System Memory Protection Unit (SMPU)
Synonymously, the system memory protection unit (SMPU)
provides memory protection against read and/or write transac-
tions to defined regions of memory. There are SMPU units in
the ADSP-SC58x/ADSP-2158x processors for each memory
space, except for SHARC L1 and SPI direct memory slave.
The SMPU is also part of the security infrastructure. It allows
the user to protect against arbitrary read and/or write transac-
tions and allows regions of memory to be defined as secure and
prevent nonsecure masters from accessing those memory
regions.
SECURITY FEATURES DISCLAIMER
To our knowledge, the Security Features, when used in accor-
dance with the data sheet and hardware reference manual
specifications, provide a secure method of implementing code
and data safeguards. However, Analog Devices does not guaran-
tee that this technology provides absolute security.
ACCORDINGLY, ANALOG DEVICES HEREBY DISCLAIMS
ANY AND ALL EXPRESS AND IMPLIED WARRANTIES
THAT THE SECURITY FEATURES CANNOT BE
BREACHED, COMPROMISED, OR OTHERWISE CIRCUM-
VENTED AND IN NO EVENT SHALL ANALOG DEVICES
BE LIABLE FOR ANY LOSS, DAMAGE, DESTRUCTION, OR
RELEASE OF DATA, INFORMATION, PHYSICAL PROP-
ERTY, OR INTELLECTUAL PROPERTY.
SAFETY FEATURES
The ADSP-SC58x/ADSP-2158x processors are designed to sup-
port functional safety applications. While the level of safety is
mainly dominated by the system concept, the following primi-
tives are provided by the processors to build a robust safety
concept.
Multiparity Bit Protected SHARC+ Core L1 Memories
In the SHARC+ core L1 memory space, whether SRAM or
cache, multiple parity bits protect each word to detect the single
event upsets that occur in all RAMs. Parity does not protect the
cache tags.
Error Correcting Codes (ECC) Protected L2 Memories
Error correcting codes (ECC) correct single event upsets. A sin-
gle error correct-double error detect (SEC-DED) code protects
the L2 memory. By default, ECC is enabled, but it can be dis-
abled on a per bank basis. Single-bit errors correct
transparently. If enabled, dual-bit errors can issue a system
event or fault. ECC protection is fully transparent to the user,
even if L2 memory is read or written by 8-bit or 16-bit entities.
Cyclic Redundant Code (CRC) Protected Memories
While parity bit and ECC protection mainly protect against ran-
dom soft errors in L1 and L2 memory cells, the cyclic redundant
code (CRC) engines can protect against systematic errors
(pointer errors) and static content (instruction code) of L1, L2,
and even L3 memories (DDR2, LPDDR). The processors feature
two CRC engines that are embedded in the memory to memory
DMA controllers.
CRC checksums can be calculated or compared automatically
during memory transfers, or one or multiple memory regions
can be continuously scrubbed by a single DMA work unit as per
DMA descriptor chain instructions. The CRC engine also pro-
tects data loaded during the boot process.
Signal Watchdogs
The eight general-purpose timers feature modes to monitor off-
chip signals. The watchdog period mode monitors whether
external signals toggle with a period within an expected range.
The watchdog width mode monitors whether the pulse widths
of external signals are within an expected range. Both modes
help to detect undesired toggling or lack of toggling of system
level signals.
System Event Controller (SEC)
Besides system events, the system event controller (SEC) further
supports fault management including fault action configuration
as timeout, internal indication by system interrupt, or external
indication through the SYS_FAULT pin and system reset.
PROCESSOR PERIPHERALS
The following sections describe the peripherals of the ADSP-
SC58x/ADSP-2158x processors.
Dynamic Memory Controller (DMC)
The 16-bit dynamic memory controller (DMC) interfaces to:
• LPDDR1 (JESD209A) maximum frequency 200 MHz,
DDRCLK (64 Mb to 2 Gb)
• DDR2 (JESD79-2E) maximum frequency 400 MHz,
DDRCLK (256 Mb to 4 Gb)
• DDR3 (JESD79-3E) maximum frequency 450 MHz,
DDRCLK (512 Mb to 8 Gb)
• DDR3L (1.5 V compatible only) maximum frequency
450 MHz, DDRCLK (512 Mb to 8 Gb)
See Table 8 for the DMC memory map.
Digital Audio Interface (DAI)
The processors support two mirrored digital audio interface
(DAI) units. Each DAI can connect various peripherals to any of
the DAI pins (DAI_PIN20–DAI_PIN01).
The application code makes these connections using the signal
routing unit (SRU), shown in Figure 1.
The SRU is a matrix routing unit (or group of multiplexers) that
enables the peripherals provided by the DAI to interconnect
under software control. This functionality allows easy use of the
DAI associated peripherals for a wider variety of applications by
using a larger set of algorithms than is possible with nonconfig-
urable signal paths.
The DAI includes the peripherals described in the following sec-
tions (SPORTs, ASRC, S/PDIF, and PCG). DAI Pin Buffers 20
and 19 can change the polarity of the input signals. Most signals
of the peripherals belonging to different DAIs cannot be inter-
connected, with few exceptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com