Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 79 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 75Page - Analog Devices ADSP-SC583 Datasheet HTML 76Page - Analog Devices ADSP-SC583 Datasheet HTML 77Page - Analog Devices ADSP-SC583 Datasheet HTML 78Page - Analog Devices ADSP-SC583 Datasheet HTML 79Page - Analog Devices ADSP-SC583 Datasheet HTML 80Page - Analog Devices ADSP-SC583 Datasheet HTML 81Page - Analog Devices ADSP-SC583 Datasheet HTML 82Page - Analog Devices ADSP-SC583 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 173 page
background image
Rev. B
|
Page 79 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
SPECIFICATIONS
Specifications are subject to change without notice. For information about product specifications, contact your Analog Devices, Inc.,
representative.
OPERATING CONDITIONS
Parameter
Conditions
Min
Nominal
Max
Unit
VDD_INT
Internal (Core) Supply Voltage
CCLK ≤ 450 MHz
1.05
1.10
1.15
V
CCLK ≤ 500 MHz
1.10
1.15
1.20
V
VDD_EXT
External (I/O) Supply Voltage
3.13
3.3
3.47
V
VDD_HADC
Analog Power Supply Voltage
3.13
3.3
3.47
V
VDD_DMC
1
DDR2/LPDDR Controller Supply Voltage
1.7
1.8
1.9
V
DDR3 Controller Supply Voltage
1.425
1.5
1.575
V
VDD_USB
2
USB Supply Voltage
3.13
3.3
3.47
V
VDD_RTC
RTC Voltage
2.0
3.3
3.60
V
VDD_PCIE_TX PCIe Core Transmit Voltage
1.05
1.1
1.15
V
VDD_PCIE_RX PCIe Core Receive Voltage
1.05
1.1
1.15
V
VDD_PCIE
PCIe Voltage
3.13
3.3
3.47
V
VDDR_VREF
3
DDR2/DDR3 Reference Voltage
0.49 × VDD_DMC
0.50 × VDD_DMC 0.51 × VDD_DMC
V
VHADC_REF
4
HADC Reference Voltage
2.5
3.30
VDD_HADC
V
VHADC0_VINx HADC Input Voltage
0
VHADC_REF + 0.2
V
VIH
5
High Level Input Voltage
VDD_EXT = 3.47 V
2.0
V
VIHTWI
6, 7
High Level Input Voltage
VDD_EXT = 3.47 V
0.7 × VBUSTWI
VBUSTWI
V
VIL
5
Low Level Input Voltage
VDD_EXT = 3.13 V
0.8
V
VILTWI
6, 7
Low Level Input Voltage
VDD_EXT = 3.13 V
0.3 × VBUSTWI
V
VIL_DDR2
8
Low Level Input Voltage
VDD_DMC = 1.7 V
VDDR_VREF – 0.25
V
VIL_DDR3
8
Low Level Input Voltage
VDD_DMC = 1.425 V
VDDR_VREF – 0.175 V
VIH_DDR2
8
High Level Input Voltage
VDD_DMC = 1.9 V
VDDR_VREF + 0.25
V
VIH_DDR3
8
High Level Input Voltage
VDD_DMC = 1.575 V
VDDR_VREF + 0.175
V
VIL_LPDDR
9
Low Level Input Voltage
VDD_DMC = 1.7 V
0.2 × VDD_DMC
V
VIH_LPDDR
9
High Level Input Voltage
VDD_DMC = 1.9 V
0.8 × VDD_DMC
V
TJ
Junction Temperature 349-Lead CSP_BGA TAMBIENT = 0°C to 70°C
CCLK ≤ 450 MHz
0100
°C
TJ
Junction Temperature 349-Lead CSP_BGA TAMBIENT = –40°C to +85°C
CCLK ≤ 450 MHz
–40
+110
°C
TJ
Junction Temperature 349-Lead CSP_BGA TAMBIENT = –40°C to +95°C
CCLK ≤ 450 MHz
–40
+125
°C
TJ
Junction Temperature 529-Lead CSP_BGA TAMBIENT = 0°C to 70°C
CCLK ≤ 450 MHz
0110
°C
TJ
Junction Temperature 529-Lead CSP_BGA TAMBIENT = –40°C to +85°C
CCLK ≤ 450 MHz
–40
+125
°C
TJ
Junction Temperature 349-Lead CSP_BGA TAMBIENT = 0°C to 70°C
CCLK ≤ 500 MHz
0105
°C
TJ
Junction Temperature 349-Lead CSP_BGA TAMBIENT = –40°C to +85°C
CCLK ≤ 500 MHz
–40
+120
°C
TJ
Junction Temperature 349-Lead CSP_BGA TAMBIENT = –40°C to +90°C
CCLK ≤ 500 MHz
–40
+125
°C
TJ
Junction Temperature 529-Lead CSP_BGA TAMBIENT = 0°C to 70°C
CCLK ≤ 500 MHz
0115
°C
TJ
Junction Temperature 529-Lead CSP_BGA TAMBIENT = –40°C to +80°C
CCLK ≤ 500 MHz
–40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com