Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 16 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 12Page - Analog Devices ADSP-SC583 Datasheet HTML 13Page - Analog Devices ADSP-SC583 Datasheet HTML 14Page - Analog Devices ADSP-SC583 Datasheet HTML 15Page - Analog Devices ADSP-SC583 Datasheet HTML 16Page - Analog Devices ADSP-SC583 Datasheet HTML 17Page - Analog Devices ADSP-SC583 Datasheet HTML 18Page - Analog Devices ADSP-SC583 Datasheet HTML 19Page - Analog Devices ADSP-SC583 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 173 page
background image
Rev. B
|
Page 16 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
The DAI_PINx pin buffers may also be used as GPIO pins. DAI
input signals allow the triggering of interrupts on the rising
edge, the falling edge, or both edges.
See the “Digital Audio Interface (DAI)” chapter of the ADSP-
SC58x/ADSP-2158x SHARC+ Processor Hardware Reference
for complete information on the use of the DAIs and SRUs.
Serial Ports (SPORTs)
The processors feature eight synchronous full serial ports. These
ports provide an inexpensive interface to a wide variety of digi-
tal and mixed-signal peripheral devices. These devices include
Analog Devices AD19xx and ADAU19xx family of audio
codecs, analog-to-digital converters (ADCs) and digital-to-ana-
log converters (DACs). Two data lines, a clock, and frame sync
make up the serial ports. The data lines can be programmed to
either transmit or receive data and each data line has a dedicated
DMA channel.
An individual full SPORT module consists of two inde-
pendently configurable SPORT halves with identical
functionality. Two bidirectional data lines—primary (0) and
secondary (1)—are available per SPORT half and are configu-
rable as either transmitters or receivers. Therefore, each SPORT
half permits two unidirectional streams into or out of the same
SPORT. This bidirectional functionality provides greater
flexibility for serial communications. For full-duplex configura-
tion, one half SPORT provides two transmit signals, while the
other half SPORT provides the two receive signals. The frame
sync and clock are shared.
Serial ports operate in the following six modes:
• Standard DSP serial mode
• Multichannel time division multiplexing (TDM) mode
•I2S mode
•Packed I2S mode
•Left justified mode
• Right justified mode
Asynchronous Sample Rate Converter (ASRC)
The asynchronous sample rate converter (ASRC) contains eight
ASRC blocks. It is the same core in the AD1896 192 kHz stereo
asynchronous sample rate converter. The ASRC provides up to
140 dB signal-to-noise ratio (SNR). The ASRC block performs
synchronous or asynchronous sample rate conversion across
independent stereo channels, without using internal processor
resources. The ASRC blocks can also be configured to operate
together to convert multichannel audio data without phase mis-
matches. Finally, the ASRC can clean up audio data from jittery
clock sources such as the S/PDIF receiver.
S/PDIF-Compatible Digital Audio Receiver/Transmitter
The Sony/Philips Digital Interface Format (S/PDIF) is a stan-
dard audio data transfer format that allows the transfer of digital
audio signals from one device to another without converting
them to an analog signal. There are two S/PDIF transmit/receive
blocks on the processor. The digital audio interface carries three
types of information: audio data, nonaudio data (compressed
data), and timing information.
The S/PDIF interface supports one stereo channel or com-
pressed audio streams. The S/PDIF transmitter and receiver are
AES3 compliant and support the sample rate from 24 KHz to
192 KHz. The S/PDIF receiver supports professional jitter
standards.
The S/PDIF receiver/transmitter has no separate DMA chan-
nels. It receives audio data in serial format and converts it into a
biphase encoded signal. The serial data input to the
receiver/transmitter can be formatted as left justified, I2S, or
right justified with word widths of 16, 18, 20, or 24 bits. The
serial data, clock, and frame sync inputs to the S/PDIF
receiver/transmitter are routed through the signal routing unit
(SRU). They can come from various sources, such as the
SPORTs, external pins, and the precision clock generators
(PCGs), and are controlled by the SRU control registers.
Precision Clock Generators (PCG)
The precision clock generators (PCG) consist of four units:
units A/B located in the DAI0 block, and units C/D located in
the DAI1 block. The PCG can generate a pair of signals (clock
and frame sync) derived from a clock input signal (CLKIN1-0,
SCLK0, or DAI pin buffer). Each unit can also access the oppo-
site DAI unit. All units are identical in functionality and operate
independently of each other. The two signals generated by each
unit are normally used as a serial bit clock/frame sync pair.
Enhanced Parallel Peripheral Interface (EPPI)
The processors provide an enhanced parallel peripheral inter-
face (EPPI) that supports data widths up to 24 bits. The EPPI
supports direct connection to TFT LCD panels, parallel ADCs
and DACs, video encoders and decoders, image sensor mod-
ules, and other general-purpose peripherals.
The features supported in the EPPI module include the
following:
• Programmable data length of 8 bits, 10 bits, 12 bits, 14 bits,
16 bits, 18 bits, and 24 bits per clock.
• Various framed, nonframed, and general-purpose operat-
ing modes. Frame syncs can be generated internally or can
be supplied by an external device.
• ITU-656 status word error detection and correction for
ITU-656 receive modes and ITU-656 preamble and status
word decoding.
• Optional packing and unpacking of data to/from 32 bits
from/to 8 bits, 16 bits, and 24 bits. If packing/unpacking is
enabled, configure endianness to change the order of pack-
ing/unpacking of the bytes/words.
• RGB888 can be converted to RGB666 or RGB565 for trans-
mit modes.
• Various deinterleaving/interleaving modes for receiv-
ing/transmitting 4:2:2 YCrCb data.
• Configurable LCD data enable output available on Frame
Sync 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com