| Electronic Components Datasheet Search |
|
ADSP-SC583 Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC583 Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 173 page ![]() Rev. B | Page 17 of 173 | December 2018 ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587 Universal Asynchronous Receiver/Transmitter (UART) Ports The processors provide three full-duplex universal asynchro- nous receiver/transmitter (UART) ports, fully compatible with PC standard UARTs. Each UART port provides a simplified UART interface to other peripherals or hosts, supporting full- duplex, DMA supported, asynchronous transfers of serial data. A UART port includes support for five to eight data bits as well as no parity, even parity, or odd parity. Optionally, an additional address bit can be transferred to inter- rupt only addressed nodes in multidrop bus (MDB) systems. A frame is terminated by a configurable number of stop bits. The UART ports support automatic hardware flow control through the clear to send (CTS) input and request to send (RTS) output with programmable assertion first in, first out (FIFO) levels. To help support the Local Interconnect Network (LIN) proto- cols, a special command causes the transmitter to queue a break command of programmable bit length into the transmit buffer. Similarly, the number of stop bits can be extended by a pro- grammable interframe space. Serial Peripheral Interface (SPI) Ports The processors have three industry-standard SPI-compatible ports that allow the processors to communicate with multiple SPI-compatible devices. The baseline SPI peripheral is a synchronous, four-wire inter- face consisting of two data pins, one device select pin, and a gated clock pin. The two data pins allow full-duplex operation to other SPI-compatible devices. An extra two (optional) data pins are provided to support quad SPI operation. Enhanced modes of operation, such as flow control, fast mode, and dual I/O mode (DIOM), are also supported. A direct memory access (DMA) mode allows for transferring several words with mini- mal central processing unit (CPU) interaction. With a range of configurable options, the SPI ports provide a glueless hardware interface with other SPI-compatible devices in master mode, slave mode, and multimaster environments. The SPI peripheral includes programmable baud rates, clock phase, and clock polarity. The peripheral can operate in a multi- master environment by interfacing with several other devices, acting as either a master device or a slave device. In a multimas- ter environment, the SPI peripheral uses open-drain outputs to avoid data bus contention. The flow control features enable slow slave devices to interface with fast master devices by providing an SPI ready pin (SPI_RDY) which flexibly controls the transfers. The baud rate and clock phase/polarities of the SPI port are pro- grammable. The port has integrated DMA channels for both transmit and receive data streams. Link Ports (LP) Two 8-bit wide link ports (LP) can connect to the link ports of other DSPs or peripherals. LP are bidirectional ports that have eight data lines, an acknowledge line, and a clock line. ADC Control Module (ACM) Interface The ADC control module (ACM) provides an interface that synchronizes the controls between the processors and an ADC. The analog-to-digital conversions are initiated by the proces- sors, based on external or internal events. The ACM allows for flexible scheduling of sampling instants and provides precise sampling signals to the ADC. The ACM synchronizes the ADC conversion process, generat- ing the ADC controls, the ADC conversion start signal, and other signals. The actual data acquisition from the ADC is done by an internal DAI routing of the ACM with the SPORT0 block. The processors interface directly to many ADCs without any glue logic required. 3-Phase Pulse Width Modulator (PWM) Units The pulse width modulator (PWM) module is a flexible and programmable waveform generator. With minimal CPU inter- vention, the PWM generates complex waveforms for motor control, pulse coded modulation (PCM), DAC conversions, power switching, and power conversion. The PWM module has four PWM pairs capable of 3-phase PWM generation for source inverters for ac induction and dc brushless motors. Each of the three 3-phase PWM generation units features the following: • 16-bit center-based PWM generation unit • Programmable PWM pulse width • Single update mode with an option for asymmetric duty • Programmable dead time and switching frequency • Programmable dead time per channel • Twos complement implementation which permits smooth transition to full on and full off states • Dedicated asynchronous PWM shutdown signal Ethernet Media Access Controller (EMAC) The processor features two ethernet media access controllers (EMACs): 10/100 Ethernet and 10/100/1000/AVB Ethernet with precision time protocol IEEE 1588. The processors can directly connect to a network through embedded fast EMAC that supports 10-BaseT (10 Mb/sec), 100-BaseT (100 Mb/sec) and 1000-BaseT (1 Gb/sec) operations. The 10/100 EMAC peripheral on the processors is fully compli- ant to the IEEE 802.3-2002 standard. The peripheral provides programmable features designed to minimize supervision, bus use, or message processing by the rest of the processor system. Some standard features of the EMAC are as follows: • Support and RMII/RGMII protocols for external PHYs • Full-duplex and half-duplex modes • Media access management (in half-duplex operation) • Flow control • Station management, including the generation of MDC/MDIO frames for read/write access to PHY registers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |