Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 20 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 16Page - Analog Devices ADSP-SC583 Datasheet HTML 17Page - Analog Devices ADSP-SC583 Datasheet HTML 18Page - Analog Devices ADSP-SC583 Datasheet HTML 19Page - Analog Devices ADSP-SC583 Datasheet HTML 20Page - Analog Devices ADSP-SC583 Datasheet HTML 21Page - Analog Devices ADSP-SC583 Datasheet HTML 22Page - Analog Devices ADSP-SC583 Datasheet HTML 23Page - Analog Devices ADSP-SC583 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 173 page
background image
Rev. B
|
Page 20 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
General-Purpose I/O (GPIO)
Each general-purpose port pin can be individually controlled by
manipulating the port control, status, and interrupt registers:
• GPIO direction control register specifies the direction of
each individual GPIO pin as input or output.
• GPIO control and status registers have a write one to mod-
ify mechanism that allows any combination of individual
GPIO pins to be modified in a single instruction, without
affecting the level of any other GPIO pins.
• GPIO interrupt mask registers allow each individual GPIO
pin to function as an interrupt to the processors. GPIO pins
defined as inputs can be configured to generate hardware
interrupts, while output pins can be triggered by software
interrupts.
• GPIO interrupt sensitivity registers specify whether indi-
vidual pins are level or edge sensitive and specify, if edge
sensitive, whether the rising edge or both the rising and
falling edges of the signal are significant.
Pin Interrupts
Every port pin on the processors can request interrupts in either
an edge sensitive or a level sensitive manner with programmable
polarity. Interrupt functionality is decoupled from GPIO opera-
tion. Six system-level interrupt channels (PINT0–PINT5) are
reserved for this purpose. Each of these interrupt channels can
manage up to 32 interrupt pins. The assignment from pin to
interrupt is not performed on a pin by pin basis. Rather, groups
of eight pins (half ports) can be flexibly assigned to interrupt
channels.
Every pin interrupt channel features a special set of 32-bit mem-
ory-mapped registers that enable half-port assignment and
interrupt management. This includes masking, identification,
and clearing of requests. These registers also enable access to the
respective pin states and use of the interrupt latches, regardless
of whether the interrupt is masked or not. Most control registers
feature multiple MMR address entries to write-one-to-set or
write-one-to-clear them individually.
Mobile Storage Interface (MSI)
The mobile storage interface (MSI) controller acts as the host
interface for multimedia cards (MMC), secure digital memory
cards (SD), and secure digital input/output cards (SDIO). The
MSI controller has the following features:
• Support for a single MMC, SD memory, and SDIO card
• Support for 1-bit and 4-bit SD modes
• Support for 1-bit, 4-bit, and 8-bit MMC modes
• Support for eMMC 4.3 embedded NAND flash devices
• An eleven-signal external interface with clock, command,
optional interrupt, and up to eight data lines
• Integrated DMA controller
• Card interface clock generation in the clock distribution
unit (CDU)
• SDIO interrupt and read wait features
SYSTEM ACCELERATION
The following sections describe the system acceleration blocks
of the ADSP-SC58x/ADSP-2158x processors.
FFT/IFFT Accelerator
A high performance FFT/IFFT accelerator is available to
improve the overall floating-point computation power of the
ADSP-SC58x/ADSP-2158x processors.
The following features are available to improve the overall per-
formance of the FFT/IFFT accelerator:
• Support for the IEEE-754/854 single-precision floating-
point data format.
• Automatic twiddle factor generation to reduce system
bandwidth.
• Support for a vector complex multiply for windowing and
frequency domain filtering.
• Ability to pipeline the data flow. This allows the accelerator
to bring in a new data set while the current data set is pro-
cessed and the previous data set is sent out to memory. This
can provide a significant system level performance
improvement.
• Ability to output the result as the magnitude squared of the
complex samples.
• Dedicated, high speed DMA controller with 64-bit buses
that can read and write data from any memory space.
The FFT/IFFT accelerator can run concurrently with the other
accelerators on the processor.
Finite Impulse Response (FIR) Accelerator
The finite impulse response (FIR) accelerator consists of a
1024 word coefficient memory, a 1024 word deep delay line for
the data, and four MAC units. A controller manages the acceler-
ator. The FIR accelerator runs at the peripheral clock frequency.
The FIR accelerator can access all memory spaces and can run
concurrently with the other accelerators on the processor.
Infinite Impulse Response (IIR) Accelerator
The infinite impulse response (IIR) accelerator consists of a
1440 word coefficient memory for storage of biquad coeffi-
cients, a data memory for storing the intermediate data, and one
MAC unit. A controller manages the accelerator. The IIR accel-
erator runs at the peripheral clock frequency. The IIR
accelerator can access all memory spaces and run concurrently
with the other accelerators on the processor.
Harmonic Analysis Engine (HAE)
The harmonic analysis engine (HAE) block receives 8 kHz input
samples from two source signals whose frequencies are between
45 Hz and 65 Hz. The HAE processes the input samples and
produces output results. The output results consist of power
quality measurements of the fundamental and up to 12 addi-
tional harmonics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com