Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 7Page - Analog Devices ADSP-SC583 Datasheet HTML 8Page - Analog Devices ADSP-SC583 Datasheet HTML 9Page - Analog Devices ADSP-SC583 Datasheet HTML 10Page - Analog Devices ADSP-SC583 Datasheet HTML 11Page - Analog Devices ADSP-SC583 Datasheet HTML 12Page - Analog Devices ADSP-SC583 Datasheet HTML 13Page - Analog Devices ADSP-SC583 Datasheet HTML 14Page - Analog Devices ADSP-SC583 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 173 page
background image
Rev. B
|
Page 11 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
SYSTEM MEMORY MAP
Table 4. L1 Block 0, Block 1, Block 2, and Block 3 SHARC+ Addressing Memory Map (Private Address Space)
Memory
Long Word (64 Bits)
Extended Precision/
ISA Code (48 Bits)
Normal Word (32 Bits)
Short Word/
VISA Code (16 Bits)
Byte Access (8 Bits)
L1 Block 0 SRAM
(1.5 Mb)
0x00048000–
0x0004DFFF
0x00090000–
0x00097FFF
0x00090000–
0x0009BFFF
0x00120000–
0x00137FFF
0x00240000–
0x0026FFFF
L1 Block 1 SRAM
(1.5 Mb)
0x00058000–
0x0005DFFF
0x000B0000–
0x000B7FFF
0x000B0000–
0x000BBFFF
0x00160000–
0x00177FFF
0x002C0000–
0x002EFFFF
L1 Block 2 SRAM
(1 Mb)
0x00060000–
0x00063FFF
0x000C0000–
0x000C5554
0x000C0000–
0x000C7FFF
0x00180000–
0x0018FFFF
0x00300000–
0x0031FFFF
L1 Block 3 SRAM
(1 Mb)
0x00070000–
0x00073FFF
0x000E0000–
0x000E5554
0x000E0000–
0x000E7FFF
0x001C0000–
0x001CFFFF
0x00380000–
0x0039FFFF
Table 5. L2 Memory Addressing Map
Memory1
1 All L2 RAM/ROM blocks are subdivided into eight banks.
Byte Address Space
Arm Cortex-A5: Data Access
and Instruction Fetch;
SHARC+: Data Access
Normal Word Address
Space for Data Access
SHARC+
Instruction Fetch VISA
Address Space SHARC+
Instruction Fetch ISA
Address Space SHARC+
L2 Boot ROM02
2 For ADSP-SC58x products, the L2 Boot ROM0 byte address space is 0x 0000 0000–0x 0000 7FFF.
Arm: 0x00000000–0x00007FFF
0x08000000–0x08001FFF
0x00B80000–0x00B83FFF
0x00580000–0x00581555
SHARC+/DMA: 0x20000000–0x20007FFF
L2 RAM (2 Mb) 0x20080000–0x200BFFFF
0x08020000–0x0802FFFF
0x00BA0000–0x00BBFFFF 0x005A0000–0x005AAAAF
L2 Boot ROM1
0x20100000–0x20107FFF
0x08040000–0x08041FFF
0x00B00000–0x00B03FFF
0x00500000–0x00501555
L2 ROM1
0x20180000–0x201BFFFF
0x08060000–0x0806FFFF
0x00B20000–0x00B3FFFF
0x00520000–0x0052AAAF
L2 Boot ROM23
3 L2 Boot ROM address for ADSP-2158x products.
0x20200000–0x20207FFF
0x08080000–0x08081FFF
0x00B40000–0x00B43FFF
0x00540000–0x00541555
L2 ROM2
0x20280000–0x202BFFFF
0x080A0000–0x080AFFFF 0x00B60000–0x00B7FFFF
0x00560000–0x0056AAAF
Table 6. SHARC+ L1 Memory in Multiprocessor Space
Memory
Block
Byte Address Space
for Arm Cortex-A5 and SHARC+
Normal Word Address Space
for SHARC+
L1 memory of SHARC1 in
multiprocessor space
Address via Slave1 Port
Block 0
0x28240000–0x2826FFFF
0x0A090000–0xA09BFFF
Block 1
0x282C0000–0x282EFFFF
0x0A0B0000–0xA0BBFFF
Block 2
0x28300000–0x2831FFFF
0x0A0C0000–0x0A0C7FFF
Block 3
0x28380000–0x2839FFFF
0x0A0E0000–0x0A0E7FFF
Address via Slave2 Port
Block 0
0x28640000–0x2866FFFF
0x0A190000–0x0A19BFFF
Block 1
0x286C0000–0x286EFFFF
0x0A1B0000–0x0A1BBFFF
Block 2
0x28700000–0x2871FFFF
0x0A1C0000–0x0A1C7FFF
Block 3
0x28780000–0x2879FFFF
0x0A1E0000–0x0A1E7FFF
L1 memory of SHARC2 in
multiprocessor space
Address via Slave1 Port
Block 0
0x28A40000–0x28A6FFFF
0x0A290000–0x0A29BFFF
Block 1
0x28AC0000–0x28AEFFFF
0x0A2B0000–0x0A2BBFFF
Block 2
0x28B00000–0x28B1FFFF
0x0A2C0000–0x0A2C7FFF
Block 3
0x28B80000–0x28B9FFFF
0x0A2E0000–0x0A2E7FFF
Address via Slave2 Port
Block 0
0x28E40000–0x28E6FFFF
0x0A390000–0x0A39BFFF
Block 1
0x28EC0000–0x28EEFFFF
0x0A3B0000–0x0A3BBFFF
Block 2
0x28F00000–0x28F1FFFF
0x0A3C0000–0x0A3C7FFF
Block 3
0x28F80000–0x28F9FFFF
0x0A3E0000–0x0A3E7FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com