Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 22 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 18Page - Analog Devices ADSP-SC583 Datasheet HTML 19Page - Analog Devices ADSP-SC583 Datasheet HTML 20Page - Analog Devices ADSP-SC583 Datasheet HTML 21Page - Analog Devices ADSP-SC583 Datasheet HTML 22Page - Analog Devices ADSP-SC583 Datasheet HTML 23Page - Analog Devices ADSP-SC583 Datasheet HTML 24Page - Analog Devices ADSP-SC583 Datasheet HTML 25Page - Analog Devices ADSP-SC583 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 173 page
background image
Rev. B
|
Page 22 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
The stopwatch function counts down from a programmed
value, with 1 sec resolution. When the stopwatch interrupt is
enabled and the counter underflows, an interrupt is generated.
Clock Generation Unit (CGU)
The ADSP-SC58x/ADSP-2158x processors support two inde-
pendent PLLs. Each PLL is part of a clock generation unit
(CGU); see Figure 8. Each CGU can be either driven externally
by the same clock source or each can be driven by separate
sources. This provides flexibility in determining the internal
clocking frequencies for each clock domain.
Frequencies generated by each CGU are derived from a com-
mon multiplier with different divider values available for each
output.
The CGU generates all on-chip clocks and synchronization sig-
nals. Multiplication factors are programmed to define the
PLLCLK frequency.
Programmable values divide the PLLCLK frequency to generate
the core clock (CCLK), the system clocks, the DDR1/DDR2/
DDR3 clock (DCLK), and the output clock (OCLK). For more
information on clocking, see the ADSP-SC58x/ADSP-2158x
SHARC+ Processor Hardware Reference.
Writing to the CGU control registers does not affect the behav-
ior of the PLL immediately. Registers are first programmed with
a new value and the PLL logic executes the changes so it transi-
tions smoothly from the current conditions to the new
conditions.
System Crystal Oscillator and USB Crystal Oscillator
The processor can be clocked by an external crystal (see
Figure 7), a sine wave input, or a buffered, shaped clock derived
from an external clock oscillator. If using an external clock, it
should be a TTL-compatible signal and must not be halted,
changed, or operated below the specified frequency during nor-
mal operation. This signal is connected to the SYS_CLKINx pin
and the USB_CLKIN pin of the processor. When using an
external clock, the SYS_XTALx pin and the USB_XTAL pin
must be left unconnected. Alternatively, because the processor
includes an on-chip oscillator circuit, an external crystal can be
used.
For fundamental frequency operation, use the circuit shown in
Figure 7. A parallel resonant, fundamental frequency, micro-
processor grade crystal is connected across the SYS_CLKINx
pin and the SYS_XTALx pin. The on-chip resistance between
the SYS_CLKINx pin and the SYS_XTALx pin is in the 500 kΩ
range. Further parallel resistors are typically not recommended.
The two capacitors and the series resistor, shown in Figure 7,
fine tune phase and amplitude of the sine frequency. The capac-
itor and resistor values shown in Figure 7 are typical values
only. The capacitor values are dependent upon the load capaci-
tance recommendations of the crystal manufacturer and the
physical layout of the printed circuit board (PCB). The resistor
value depends on the drive level specified by the crystal manu-
facturer. The user must verify the customized values based on
careful investigations on multiple devices over the required
temperature range.
A third overtone crystal can be used for frequencies above
25 MHz. The circuit is then modified to ensure crystal operation
only at the third overtone by adding a tuned inductor circuit,
shown in Figure 7. A design procedure for the third overtone
operation is discussed in detail in Using Third Overtone Crys-
tals with the ADSP-218x DSP (EE-168). The same
recommendations can be used for the USB crystal oscillator.
Clock Distribution Unit (CDU)
The two CGUs each provide outputs which feed a clock distri-
bution unit (CDU). The clock outputs CLKO0–CLKO9 are
connected to various targets. For more information, refer to the
ADSP-SC58x/ADSP-2158x SHARC+ Processor Hardware
Reference.
Power-Up
SYS_XTALx oscillations (SYS_CLKINx) start when power is
applied to the VDD_EXT pins. The rising edge of SYS_HWRST
starts on-chip PLL locking (PLL lock counter). The deassertion
must apply only if all voltage supplies and SYS_CLKINx oscilla-
tions are valid (refer to the Power-Up Reset Timing section).
Clock Out/External Clock
The SYS_CLKOUT output pin has programmable options to
output divided-down versions of the on-chip clocks. By default,
the SYS_CLKOUT pin drives a buffered version of the
SYS_ CLKIN0 input. Refer to the ADSP-SC58x/ADSP-2158x
SHARC+ Processor Hardware Reference to change the default
mapping of clocks.
Booting
The processors have several mechanisms for automatically load-
ing internal and external memory after a reset. The boot mode is
defined by the SYS_BMODE[n] input pins. There are two
Figure 7. External Crystal Connection
SYS_CLKINx
TO PLL
CIRCUITRY
FOR OVERTONE
OPERATION ONLY:
NOTE: VALUES MARKED WITH * MUST BE CUSTOMIZED, DEPENDING
ON THE CRYSTAL AND LAYOUT. ANALYZE CAREFULLY. FOR
FREQUENCIES ABOVE 33 MHz, THE SUGGESTED CAPACITOR VALUE
OF 18 pF MUST BE TREATED AS A MAXIMUM.
18 pF*
18 pF*
*
SHARC PROCESSOR
SYS_XTALx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com