Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 88 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 84Page - Analog Devices ADSP-SC583 Datasheet HTML 85Page - Analog Devices ADSP-SC583 Datasheet HTML 86Page - Analog Devices ADSP-SC583 Datasheet HTML 87Page - Analog Devices ADSP-SC583 Datasheet HTML 88Page - Analog Devices ADSP-SC583 Datasheet HTML 89Page - Analog Devices ADSP-SC583 Datasheet HTML 90Page - Analog Devices ADSP-SC583 Datasheet HTML 91Page - Analog Devices ADSP-SC583 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 173 page
background image
Rev. B
|
Page 88 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
ABSOLUTE MAXIMUM RATINGS
Stresses at or above those listed in Table 42 may cause perma-
nent damage to the product. This is a stress rating only;
functional operation of the product at these or any other condi-
tions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
ESD CAUTION
Table 42. Absolute Maximum Ratings
Parameter
Rating
Internal (Core) Supply Voltage (VDD_INT)
–0.33 V to +1.26 V
External (I/O) Supply Voltage (VDD_EXT)
–0.33 V to +3.60 V
DDR2/LPDDR Controller Supply Voltage
(VDD_DMC)
–0.33 V to +1.90 V
DDR3 Controller Supply Voltage
(VDD_DMC)
–0.33 V to +1.60 V
USB PHY Supply Voltage (VDD_USB)
–0.33 V to +3.60 V
Real-Time Clock Supply Voltage (VDD_RTC) –0.33 V to +3.60 V
PCIe Transmit Supply Voltage (VDD_PCIE_TX) –0.33 V to +1.20 V
PCIe Receive Supply Voltage (VDD_PCIE_RX) –0.33 V to +1.20 V
PCIe Supply Voltage (VDD_PCIE)
–0.33 V to +3.60 V
HADC Supply Voltage (VDD_HADC)
–0.33 V to +3.60 V
HADC Reference Voltage (VHADC_REF)
–0.33 V to +3.60 V
DDR2/LPDDR Input Voltage1
1 Applies only when the related power supply (VDD_DMC, VDD_EXT, or VDD_USB) is within
specification. When the power supply is below specification, the range is the voltage
being applied to that power domain ± 0.2 V.
–0.33 V to +1.90 V
DDR2 Reference Voltage (VDDR_VREF)
–0.33 V to +1.90 V
DDR3 Input Voltage1
–0.33 V to +1.60 V
Digital Input Voltage1, 2
2 Applies to 100% transient duty cycle.
–0.33 V to +3.60 V
TWI Input Voltage1, 3
3 Applies to TWI_SCL and TWI_SDA.
–0.33 V to +5.50 V
USB0_Dx Input Voltage1, 4
4 If the USB is not used, connect these pins according to Table 27.
–0.33 V to +5.25 V
USB0_VBUS Input Voltage1, 4
–0.33 V to +6 V
Output Voltage Swing
–0.33 V to VDD_EXT +0.5 V
Analog Input Voltage5
5 Applies only when VDD_HADC is within specifications and ≤ 3.4 V. When VDD_HADC is
within specifications and > 3.4 V, the maximum rating is 3.6 V. When VDD_HADC is
below specifications, the range is VDD_HADC ± 0.2 V.
–0.2 V to VDD_HADC +0.2 V
IOH/IOL Current per Signal
2
6 mA (maximum)
Storage Temperature Range
–65
C to +150C
Junction Temperature While Biased
133
C
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary protection circuitry, damage
may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to
avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com