Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 85 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 81Page - Analog Devices ADSP-SC583 Datasheet HTML 82Page - Analog Devices ADSP-SC583 Datasheet HTML 83Page - Analog Devices ADSP-SC583 Datasheet HTML 84Page - Analog Devices ADSP-SC583 Datasheet HTML 85Page - Analog Devices ADSP-SC583 Datasheet HTML 86Page - Analog Devices ADSP-SC583 Datasheet HTML 87Page - Analog Devices ADSP-SC583 Datasheet HTML 88Page - Analog Devices ADSP-SC583 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 173 page
background image
Rev. B
|
Page 85 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
Total Internal Power Dissipation
Total power dissipation has two components:
• Static, including leakage current
• Dynamic, due to transistor switching characteristics for
each clock domain
Many operating conditions can affect power dissipation, includ-
ing temperature, voltage, operating frequency, and processor
activity. The following equation describes the internal current
consumption.
IDD_INT_TOT = IDD_INT_STATIC + IDD_INT_CCLK_SHARC1_DYN +
IDD_INT_CCLK_SHARC2_DYN + IDD_INT_CCLK_A5_DYN +
IDD_INT_DCLK_DYN + IDD_INT_SYSCLK_DYN +
IDD_INT_SCLK0_DYN + IDD_INT_SCLK1_DYN +
IDD_INT_OCLK_DYN + IDD_INT_ACCL_DYN +
IDD_INT_USB_DYN + IDD_INT_MLB_DYN +
IDD_INT_EMAC_DYN + IDD_INT_DMA_DR_DYN +
IDD_INT_PCIE_DYN
IDD_INT_STATIC is the sole contributor to the static power dissi-
pation component and is specified as a function of voltage
(VDD_INT) and junction temperature (TJ) in Table 31.
The other 14 addends in the IDD_INT_TOT equation comprise the
dynamic power dissipation component and fall into four broad
categories: application-dependent currents, clock currents, cur-
rents from high speed peripheral operation, and data
transmission currents.
Application Dependent Current
The application dependent currents include the dynamic cur-
rent in the core clock domain of the two SHARC+ cores and the
Arm Cortex-A5 core, as well as the dynamic current in the
accelerator block.
Dynamic current consumed by the core is subject to an activity
scaling factor (ASF) that represents application code running on
the processor cores (see Table 32 and Table 33). The ASF is
combined with the CCLK frequency and VDD_INT dependent
dynamic current data in Table 34 and Table 35, respectively, to
calculate this portion of the total dynamic power dissipation
component.
IDD_INT_CCLK_SHARC1_DYN = Table 34 × ASFSHARC1
IDD_INT_CCLK_SHARC2_DYN = Table 34 × ASFSHARC2
IDD_INT_CCLK_A5_DYN = Table 35 × ASFA5
Table 31. Static Current—IDD_INT_STATIC (mA)
TJ (°C)
Voltage (VDD_INT)
1.05
1.10
1.15
1.20
–40
7
8
10
12
–20
121417
21
–10
161923
27
+0
21
25
30
35
+10
283339
46
+25
424958
67
+40
637384
98
+55
92
106
122
141
+70
133
152
175
200
+85
190
216
247
282
+100
269
305
346
393
+105
302
342
387
439
+115
376
425
480
544
+125
466
525
592
669
+133
552
621
700
789
Table 32. Activity Scaling Factors for the SHARC+ Core1 and
Core2 (ASFSHARC1 and ASFSHARC2)
IDD_INT Power Vector
ASF
IDD-IDLE
0.31
IDD-NOP
0.53
IDD-TYP_3070
0.74
IDD-TYP_5050
0.87
IDD-TYP_7030
1.00
IDD-PEAK_100
1.14
Table 33. Activity Scaling Factors for the Arm Cortex-A5
Core (ASFA5)
IDD_INT Power Vector
ASF
IDD-IDLE
0.29
IDD-DHRYSTONE
0.73
IDD-TYP_2575
0.57
IDD-TYP_5050
0.80
IDD-TYP_7525
1.00
IDD-PEAK_100
1.21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com