| Electronic Components Datasheet Search |
|
ADSP-SC583 Datasheet(PDF) 76 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC583 Datasheet(HTML) 76 Page - Analog Devices |
|
76 / 173 page ![]() Rev. B | Page 76 of 173 | December 2018 ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587 PG_05 InOut A PullDown none none VDD_EXT Desc: PORTG Position 5 | EMAC1 Receive Data 1 | TRACE0 Trace Data | TRACE0 Trace Data 15 Notes: No notes RTC0_CLKIN a NA none none none VDD_RTC Desc: RTC0 Crystal Input/External Oscillator Connection Notes: Connect to GND if not used RTC0_XTAL a NA none none none VDD_RTC Desc: RTC0 Crystal output Notes: No notes SYS_BMODE0 Input NA PullDown none none VDD_EXT Desc: Boot Mode Control n Notes: No notes SYS_BMODE1 Input NA PullDown none none VDD_EXT Desc: Boot Mode Control n Notes: No notes SYS_BMODE2 Input NA PullDown none none VDD_EXT Desc: Boot Mode Control n Notes: No notes SYS_CLKIN0 a NA none none none VDD_EXT Desc: Clock/Crystal Input Notes: No notes SYS_CLKIN1 a NA none none none VDD_EXT Desc: Clock/Crystal Input Notes: Connect to GND if not used SYS_CLKOUT a A none none none Desc: Processor Clock Output Notes: No notes SYS_FAULT InOut A none none none Desc: Active-High Fault Output Notes: External pull-down required to keep signal in de-asserted state SYS_FAULT InOut A none none none Desc: Active-Low Fault Output Notes: External pull-up required to keep signal in de-asserted state SYS_HWRST Input NA none none none VDD_EXT Desc: Processor Hardware Reset Control Notes: No notes SYS_RESOUT Output A none none L VDD_EXT Desc: Reset Output Notes: No notes SYS_XTAL0 a NA none none none VDD_EXT Desc: Crystal Output Notes: No notes SYS_XTAL1 a NA none none none VDD_EXT Desc: Crystal Output Notes: No notes TWI0_SCL InOut D none none none VDD_EXT Desc: TWI0 Serial Clock Notes: Add external pull-up if used. Can be pulled low when not used. TWI0_SDA InOut D none none none VDD_EXT Desc: TWI0 Serial Data Notes: Add external pull-up if used. Can be pulled low when not used. TWI1_SCL InOut D none none none VDD_EXT Desc: TWI1 Serial Clock Notes: Add external pull-up if used. Can be pulled low when not used. TWI1_SDA InOut D none none none VDD_EXT Desc: TWI1 Serial Data Notes: Add external pull-up if used. Can be pulled low when not used. Table 27. ADSP-SC58x/ADSP-2158x Designer Quick Reference (Continued) Signal Name Type Driver Type Internal Term Reset Term Reset Drive Power Domain Description and Notes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |