Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 23 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 19Page - Analog Devices ADSP-SC583 Datasheet HTML 20Page - Analog Devices ADSP-SC583 Datasheet HTML 21Page - Analog Devices ADSP-SC583 Datasheet HTML 22Page - Analog Devices ADSP-SC583 Datasheet HTML 23Page - Analog Devices ADSP-SC583 Datasheet HTML 24Page - Analog Devices ADSP-SC583 Datasheet HTML 25Page - Analog Devices ADSP-SC583 Datasheet HTML 26Page - Analog Devices ADSP-SC583 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 173 page
background image
Rev. B
|
Page 23 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
categories of boot modes. In master boot mode, the processors
actively load data from serial memories. In slave boot modes,
the processors receive data from external host devices.
The boot modes are shown in Table 9. These modes are imple-
mented by the SYS_BMODE[n] bits of the reset configuration
register and are sampled during power-on resets and software
initiated resets.
In the ADSP-SC58x processors, the Arm Cortex-A5 (Core 0)
controls the boot process, including loading all internal and
external memory. Likewise, in the ADSP-2158x processors, the
SHARC+ (Core 1) controls the boot function. The option for
secure boot is available on all models.
Thermal Monitoring Unit (TMU)
The thermal monitoring unit (TMU) provides on-chip tem-
perature measurement which is important in applications that
require substantial power consumption. The TMU is integrated
into the processor die and digital infrastructure using an MMR-
based system access to measure the die temperature variations
in real-time.
TMU features include the following:
•On-chip temperature sensing
• Programmable over temperature and under temperature
limits
• Programmable conversion rate
• Averaging feature available
Power Supplies
The processors have separate power supply connections for:
• Internal (VDD_INT)
• External (VDD_EXT)
• USB (VDD_USB)
• HADC/TMU (VDD_HADC)
• RTC (VDD_RTC)
• DMC (VDD_DMC)
• PCIe (VDD_PCIE, VDD_PCIE_TX and VDD_PCIE_RX)
All power supplies must meet the specifications provided in the
Operating Conditions section. All external supply pins must be
connected to the same power supply.
Power Management
As shown in Table 10, the processors support four different
power domains, which maximizes flexibility while maintaining
compliance with industry standards and conventions. There are
no sequencing requirements for the various power domains, but
all domains must be powered according to the appropriate spec-
ifications (see the Specifications section for processor operating
conditions). If the feature or the peripheral is not used, refer to
Table 27.)
The power dissipated by the processors is largely a function of
the clock frequency and the square of the operating voltage. For
example, reducing the clock frequency by 25% results in a 25%
reduction in dynamic power dissipation.
Target Board JTAG Emulator Connector
The Analog Devices DSP tools product line of JTAG emulators
uses the IEEE 1149.1 JTAG test access port of the processors to
monitor and control the target board processor during emula-
tion. The Analog Devices DSP tools product line of JTAG
emulators provides emulation at full processor speed, allowing
inspection and modification of memory, registers, and proces-
sor stacks. The processor JTAG interface ensures the emulator
does not affect target system loading or timing.
For information on JTAG emulator operation, see the appropri-
ate emulator hardware user’s guide at SHARC Processors
Software and Tools.
SYSTEM DEBUG
The processors include various features that allow easy system
debug. These are described in the following sections.
System Watchpoint Unit (SWU)
The system watchpoint unit (SWU) is a single module that con-
nects to a single system bus and provides transaction
monitoring. One SWU is attached to the bus going to each
system slave. The SWU provides ports for all system bus address
channel signals. Each SWU contains four match groups of
registers with associated hardware. These four SWU match
groups operate independently but share common event (for
example, interrupt and trigger) outputs.
Table 9. Boot Modes
SYS_BMODE[n] Setting
Boot Mode
000
No boot
001
SPI2 master
010
SPI2 slave
011
Reserved
100
Reserved
101
Reserved
110
Link0 slave
111
UART0 slave
Table 10. Power Domains
Power Domain
VDD Range
All internal logic
VDD_INT
DDR3/DDR2/LPDDR
VDD_DMC
USB
VDD_USB
HADC/TMU
VDD_HADC
RTC
VDD_RTC
PCIe_TX
VDD_PCIE_TX
PCIe_RX
VDD_PCIE_RX
PCIe
VDD_PCIE
All other I/O (includes SYS, JTAG, and
port pins)
VDD_EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com