Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 46 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 42Page - Analog Devices ADSP-SC583 Datasheet HTML 43Page - Analog Devices ADSP-SC583 Datasheet HTML 44Page - Analog Devices ADSP-SC583 Datasheet HTML 45Page - Analog Devices ADSP-SC583 Datasheet HTML 46Page - Analog Devices ADSP-SC583 Datasheet HTML 47Page - Analog Devices ADSP-SC583 Datasheet HTML 48Page - Analog Devices ADSP-SC583 Datasheet HTML 49Page - Analog Devices ADSP-SC583 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 173 page
background image
Rev. B
|
Page 46 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
DMC1_BA2
DMC1 Bank Address 2
Not Muxed
DMC1_BA2
DMC1_CAS
DMC1 Column Address Strobe
Not Muxed
DMC1_CAS
DMC1_CK
DMC1 Clock
Not Muxed
DMC1_CK
DMC1_CKE
DMC1 Clock Enable
Not Muxed
DMC1_CKE
DMC1_CK
DMC1 Clock (Complement)
Not Muxed
DMC1_CK
DMC1_CS0
DMC1 Chip Select 0
Not Muxed
DMC1_CS0
DMC1_DQ00
DMC1 Data 0
Not Muxed
DMC1_DQ00
DMC1_DQ01
DMC1 Data 1
Not Muxed
DMC1_DQ01
DMC1_DQ02
DMC1 Data 2
Not Muxed
DMC1_DQ02
DMC1_DQ03
DMC1 Data 3
Not Muxed
DMC1_DQ03
DMC1_DQ04
DMC1 Data 4
Not Muxed
DMC1_DQ04
DMC1_DQ05
DMC1 Data 5
Not Muxed
DMC1_DQ05
DMC1_DQ06
DMC1 Data 6
Not Muxed
DMC1_DQ06
DMC1_DQ07
DMC1 Data 7
Not Muxed
DMC1_DQ07
DMC1_DQ08
DMC1 Data 8
Not Muxed
DMC1_DQ08
DMC1_DQ09
DMC1 Data 9
Not Muxed
DMC1_DQ09
DMC1_DQ10
DMC1 Data 10
Not Muxed
DMC1_DQ10
DMC1_DQ11
DMC1 Data 11
Not Muxed
DMC1_DQ11
DMC1_DQ12
DMC1 Data 12
Not Muxed
DMC1_DQ12
DMC1_DQ13
DMC1 Data 13
Not Muxed
DMC1_DQ13
DMC1_DQ14
DMC1 Data 14
Not Muxed
DMC1_DQ14
DMC1_DQ15
DMC1 Data 15
Not Muxed
DMC1_DQ15
DMC1_LDM
DMC1 Data Mask for Lower Byte
Not Muxed
DMC1_LDM
DMC1_LDQS
DMC1 Data Strobe for Lower Byte
Not Muxed
DMC1_LDQS
DMC1_LDQS
DMC1 Data Strobe for Lower Byte (Complement)
Not Muxed
DMC1_LDQS
DMC1_ODT
DMC1 On-Die Termination
Not Muxed
DMC1_ODT
DMC1_RAS
DMC1 Row Address Strobe
Not Muxed
DMC1_RAS
DMC1_RESET
DMC1 Reset (DDR3 Only)
Not Muxed
DMC1_RESET
DMC1_RZQ
DMC1 External Calibration Resistor Connection
Not Muxed
DMC1_RZQ
DMC1_UDM
DMC1 Data Mask for Upper Byte
Not Muxed
DMC1_UDM
DMC1_UDQS
DMC1 Data Strobe for Upper Byte
Not Muxed
DMC1_UDQS
DMC1_UDQS
DMC1 Data Strobe for Upper Byte (Complement)
Not Muxed
DMC1_UDQS
DMC1_VREF
DMC1 Voltage Reference
Not Muxed
DMC1_VREF
DMC1_WE
DMC1 Write Enable
Not Muxed
DMC1_WE
ETH0_CRS
ETH0 Carrier Sense/RMII Receive Data Valid
A
PA_07
ETH0_MDC
ETH0 Management Channel Clock
A
PA_02
ETH0_MDIO
ETH0 Management Channel Serial Data
A
PA_03
ETH0_PTPAUXIN0
ETH0 PTP Auxiliary Trigger Input 0
B
PB_03
ETH0_PTPAUXIN1
ETH0 PTP Auxiliary Trigger Input 1
B
PB_04
ETH0_PTPAUXIN2
ETH0 PTP Auxiliary Trigger Input 2
B
PB_05
ETH0_PTPAUXIN3
ETH0 PTP Auxiliary Trigger Input 3
B
PB_06
ETH0_PTPCLKIN0
ETH0 PTP Clock Input 0
B
PB_02
ETH0_PTPPPS0
ETH0 PTP Pulse-Per-Second Output 0
B
PB_01
ETH0_PTPPPS1
ETH0 PTP Pulse-Per-Second Output 1
B
PB_00
ETH0_PTPPPS2
ETH0 PTP Pulse-Per-Second Output 2
A
PA_15
ETH0_PTPPPS3
ETH0 PTP Pulse-Per-Second Output 3
A
PA_14
ETH0_RXCLK_REFCLK
ETH0 RXCLK (10/100/1000) or REFCLK (10/100)
A
PA_06
ETH0_RXCTL_CRS
ETH0 RXCTL (10/100/1000) or CRS (10/100)
A
PA_07
Table 19. ADSP-SC58x/ADSP-2158x 529-Ball CSP_BGA Signal Descriptions (Continued)
Signal Name
Description
Port
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com