Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 3Page - Analog Devices ADSP-SC583 Datasheet HTML 4Page - Analog Devices ADSP-SC583 Datasheet HTML 5Page - Analog Devices ADSP-SC583 Datasheet HTML 6Page - Analog Devices ADSP-SC583 Datasheet HTML 7Page - Analog Devices ADSP-SC583 Datasheet HTML 8Page - Analog Devices ADSP-SC583 Datasheet HTML 9Page - Analog Devices ADSP-SC583 Datasheet HTML 10Page - Analog Devices ADSP-SC583 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 173 page
background image
Rev. B
|
Page 7 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
L1 Memory
Figure 5 shows the ADSP-SC58x/ADSP-2158x memory map.
Each SHARC+ core has a tightly coupled L1 SRAM of up to
5 Mb. Each SHARC+ core can access code and data in a single
cycle from this memory space. The Arm Cortex-A5 core can
also access this memory space with multicycle accesses.
In the SHARC+ core private address space, both cores have L1
memory.
SHARC+ core memory-mapped register (CMMR) address
space is 0x 0000 0000 through 0x 0003 FFFF in normal word
(32-bit). Each block can be configured for different combina-
tions of code and data storage. Of the 5 Mb SRAM, up to
1024 Kb can be configured for data memory (DM), program
memory (PM), and instruction cache. Each memory block sup-
ports single-cycle, independent accesses by the core processor
and I/O processor. The memory architecture, in combination
with its separate on-chip buses, allows two data transfers from
the core and one from the DMA engine in a single cycle. The
SRAM of the processor can be configured as a maximum of
160k words of 32-bit data, 320k words of 16-bit data,
106.7k words of 48-bit instructions (or 40-bit data), or combi-
nations of different word sizes up to 5 Mb. All of the memory
can be accessed as 8-bit, 16-bit, 32-bit, 48-bit, or 64-bit words.
Support of a 16-bit floating-point storage format doubles the
amount of data that can be stored on chip.
Conversion between the 32-bit floating-point and 16-bit float-
ing-point formats is performed in a single instruction. While
each memory block can store combinations of code and data,
accesses are most efficient when one block stores data using the
DM bus for transfers, and the other block stores instructions
and data using the PM bus for transfers.
Using the DM and PM buses, with each bus dedicated to a
memory block, assures single-cycle execution with two data
transfers. In this case, the instruction must be available in the
cache. The system configuration is flexible, but a typical config-
uration is 512 Kb DM, 128 Kb PM, and 128 Kb of instruction
cache, with the remaining L1 memory configured as SRAM.
Each addressable memory space outside the L1 memory can be
accessed either directly or via cache.
Figure 4. SHARC+ SIMD Core Block Diagram
+
11-STAGE
PROGRAM SEQUENCER
PM ADDRESS 32
PM DATA 64
DM DATA 64
DM ADDRESS 32
DAG1
16 × 32
MRF
80-BIT
ALU
MULTIPLIER
SHIFTER
PEx
DATA
REGISTER
Rx
16 × 40-BIT
DMD/PMD 64
ASTATx
STYKx
ASTATy
STYKy
PEy
DATA
REGISTER
Sx
16 × 40-BIT
MRB
80-BIT
MSB
80-BIT
MSF
80-BIT
DAG2
16 × 32
ALU
MULTIPLIER
SHIFTER
DATA
SWAP
SYSTEM
I/F
USTAT
PX
PM ADDRESS 24
PM DATA 48
DEBUG
TRACE
FLAGS
CEC
BTB
BP
CONFLICT
CACHE
TO
IMIF
S
SIMD Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com