Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 27 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 23Page - Analog Devices ADSP-SC583 Datasheet HTML 24Page - Analog Devices ADSP-SC583 Datasheet HTML 25Page - Analog Devices ADSP-SC583 Datasheet HTML 26Page - Analog Devices ADSP-SC583 Datasheet HTML 27Page - Analog Devices ADSP-SC583 Datasheet HTML 28Page - Analog Devices ADSP-SC583 Datasheet HTML 29Page - Analog Devices ADSP-SC583 Datasheet HTML 30Page - Analog Devices ADSP-SC583 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 173 page
background image
Rev. B
|
Page 27 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
DMC_UDQS
InOut
Data Strobe for Upper Byte (Complement). Complement of UDQS. Not used in single-ended mode.
DMC_VREF
Input
Voltage Reference. Externally driven to VDD_DMC/2. Applies to DMC0_VREF and DMC1_VREF pins.
DMC_WE
Output
Write Enable. Defines the operation for external dynamic memory to perform in conjunction with
other DMC command signals. Connect to the WE input of dynamic memory.
ETH_CRS
Input
Carrier Sense/RMII Receive Data Valid. Multiplexed on alternate clock cycles.
CRS— asserted by the PHY when either the transmit or receive medium is not idle. Deasserted when
both are idle.
RXDV—asserted by the PHY when the data on RXDn is valid.
ETH_MDC
Output
Management Channel Clock. Clocks the MDC input of the PHY for RMII/RGMII.
ETH_MDIO
InOut
Management Channel Serial Data. Bidirectional data bus for PHY control for RMII/RGMII.
ETH_PTPAUXIN[n]
Input
PTP Auxiliary Trigger Input. Assert this signal to take an auxiliary snapshot of the time and store it
in the auxiliary time stamp FIFO.
ETH_PTPCLKIN[n]
Input
PTP Clock Input. Optional external PTP clock input.
ETH_PTPPPS[n]
Output
PTP Pulse Per Second Output. When the advanced time stamp feature enables, this signal is asserted
based on the PPS mode selected. Otherwise, PTPPPS is asserted every time the seconds counter is
incremented.
ETH_REFCLK
Input
Reference Clock. Externally supplied Ethernet clock.
ETH_RXCLK_REFCLK
Input
RXCLK (10/100/1000) or REFCLK (10/100).
ETH_RXCTL_CRS
Input
RXCTL (10/100/1000) or CRS (10/100).
ETH_RXD[n]
Input
Receive Data n. Receive data bus.
ETH_TXCLK
Output
Transmit Clock.
ETH_TXCTL_TXEN
Output
TXCTL (10/100/1000) or TXEN (10/100).
ETH_TXD[n]
Output
Transmit Data n. Transmits data bus.
ETH_TXEN
Output
Transmit Enable. When asserted, signal indicates the data on TXDn is valid.
HADC_EOC_DOUT
Output
End of Conversion/Serial Data Out. Transitions high for one cycle of the HADC internal clock at the
end of every conversion. Alternatively, HADC serial data out can be seen by setting the appropriate
bit in HADC_CTL.
HADC_MUX[n]
Input
Controls to External Multiplexer. Allows additional input channels when connected to an external
multiplexer.
HADC_VIN[n]
Input
Analog Input at Channel n. Analog voltage inputs for digital conversion.
HADC_VREFN
Input
Ground Reference for ADC. Connect to an external voltage reference that meets data sheet
specifications.
HADC_VREFP
Input
External Reference for ADC. Connect to an external voltage reference that meets data sheet
specifications.
JTG_TCK
Input
JTAG Clock. JTAG test access port clock.
JTG_TDI
Input
JTAG Serial Data In. JTAG test access port data input.
JTG_TDO
Output
JTAG Serial Data Out. JTAG test access port data output.
JTG_TMS
Input
JTAG Mode Select. JTAG test access port mode select.
JTG_TRST
Input
JTAG Reset. JTAG test access port reset.
LP_ACK
InOut
Acknowledge. Provides handshaking. When the link port is configured as a receiver, ACK is an output.
When the link port is configured as a transmitter, ACK is an input.
LP_CLK
InOut
Clock. When the link port is configured as a receiver, CLK is an input. When the link port is configured
as a transmitter, CLK is an output.
LP_D[n]
InOut
Data n. Data bus. Input when receiving, output when transmitting.
MLB_CLKN
Input
Differential Clock (–).
MLB_CLKP
Input
Differential Clock (+).
MLB_DATN
InOut
Differential Data (–).
MLB_DATP
InOut
Differential Data (+).
MLB_SIGN
InOut
Differential Signal (–).
Table 11. ADSP-SC58x/ADSP-2158x Detailed Signal Descriptions (Continued)
Signal Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com