Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 84 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 80Page - Analog Devices ADSP-SC583 Datasheet HTML 81Page - Analog Devices ADSP-SC583 Datasheet HTML 82Page - Analog Devices ADSP-SC583 Datasheet HTML 83Page - Analog Devices ADSP-SC583 Datasheet HTML 84Page - Analog Devices ADSP-SC583 Datasheet HTML 85Page - Analog Devices ADSP-SC583 Datasheet HTML 86Page - Analog Devices ADSP-SC583 Datasheet HTML 87Page - Analog Devices ADSP-SC583 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 173 page
background image
Rev. B
|
Page 84 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
IDD_IDLE
VDD_INT Current in Idle
fCCLK =500 MHz
ASFSHARC1 =0.31
ASFSHARC2 =0.31
ASFA5 =0.29
fSYSCLK = 250 MHz
fSCLK0/1 = 125 MHz
(Other clocks are disabled)
No peripheral or DMA activity
TJ = 25°C
VDD_INT = 1.15 V
575
mA
IDD_TYP
VDD_INT Current
fCCLK =450 MHz
ASFSHARC1 =1.0
ASFSHARC2 =1.0
ASFA5 =0.73
fSYSCLK = 225 MHz
fSCLK0/1 = 112.5 MHz
(Other clocks are disabled)
FFT accelerator operating at fSYSCLK/4
DMA data rate = 600 Mbps
TJ = 25°C
VDD_INT = 1.1 V
1112
mA
IDD_TYP
VDD_INT Current
fCCLK =500 MHz
ASFSHARC1 =1.0
ASFSHARC2 =1.0
ASFA5 =0.73
fSYSCLK = 250 MHz
fSCLK0/1 = 125 MHz
(Other clocks are disabled)
FFT accelerator operating at fSYSCLK/4
DMA data rate = 600 Mbps
TJ = 25°C
VDD_INT = 1.15 V
1185
mA
IDD_INT
11
VDD_INT Current
fCCLK 0 MHz
fSCLK0/1  0 MHz
See IDD_INT_TOT
equation in the
Total Internal
Power Dissi-
pation section
mA
1 Applies to all output and bidirectional pins except TWI, DMC, USB, PCIe, and MLB.
2 See the Output Drive Currents section for typical drive current capabilities.
3 Applies to all DMC output and bidirectional signals in DDR2 mode.
4 Applies to all DMC output and bidirectional signals in DDR3 mode.
5 Applies to all DMC output and bidirectional signals in LPDDR mode.
6 Applies to input pins SYS_BMODE0-2, SYS_CLKIN0, SYS_CLKIN1, SYS_HWRST, JTG_TDI, JTG_TMS, and USB0_CLKIN.
7 Applies to input pins with internal pull-ups including JTG_TDI, JTG_TMS, and JTG_TCK.
8 Applies to signals JTAG_TRST, USB0_VBUS, USB1_VBUS.
9 Applies to signals PA0-15, PB0-15, PC0-15, PD0-15, PE0-15, PF0-15, PG0-5, DAI0_PINx, DAI1_PINx, DMC0_DQx, DMC0_LDQS, DMC0_UDQS, DMC0_LDQS,
DMC0_UDQS, SYS_FAULT, SYS_FAULT, JTG_TDO, USB0_ID, USBx_DM, USBx_DP, and USBx_VBC.
10Applies to all signal pins.
11 See Estimating Power for ADSP-SC58x/2158x SHARC+ Processors (EE-392) for further information.
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com