| Electronic Components Datasheet Search |
|
ADSP-SC583 Datasheet(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC583 Datasheet(HTML) 6 Page - Analog Devices |
|
6 / 173 page ![]() Rev. B | Page 6 of 173 | December 2018 ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587 Generic Interrupt Controller (GIC), PL390 (ADSP-SC58x Only) The generic interrupt controller (GIC) is a centralized resource for supporting and managing interrupts. The GIC splits into the distributor block (GICPORT0) and the CPU interface block (GICPORT1). Generic Interrupt Controller Port0 (GICPORT0) The GICPORT0 distributor block performs interrupt prioritiza- tion and distribution to the GICPORT1 blocks that connect to the processors in the system. It centralizes all interrupt sources, determines the priority of each interrupt, and forwards the interrupt with the highest priority to the interface, for priority masking and preemption handling. Generic Interrupt Controller Port1 (GICPORT1) The GICPORT1 CPU interface block performs priority masking and preemption handling for a connected processor in the sys- tem. GICPORT1 supports 8 software generated interrupts (SGIs) and 254 shared peripheral interrupts (SPIs). L2 Cache Controller, PL310 (ADSP-SC58x Only) The L2 cache controller, PL310 (see Figure 2), works efficiently with the Arm Cortex-A5 processors that implement system fab- ric. The cache controller directly interfaces on the data and instruction interface. The internal pipelining of the cache con- troller is optimized to enable the processors to operate at the same clock frequency. The cache controller supports the following: • Two read/write 64-bit slave ports, one connected to the Arm Cortex-A5 instruction and data interfaces, and one connecting the Arm Cortex-A5 and SHARC+ cores for data coherency. • Two read/write 64-bit master ports for interfacing with the system fabric. SHARC PROCESSOR Figure 3 shows the SHARC processor integrates a SHARC+ SIMD core, L1 memory crossbar, I/D cache controller, L1 mem- ory blocks, and the master/slave ports. Figure 4 shows the SHARC+ SIMD core block diagram. The SHARC processor supports a modified Harvard architec- ture in combination with a hierarchical memory structure. L1 memories typically operate at the full processor speed with little or no latency. Figure 3. SHARC Processor Block Diagram B3 RAM I-CACHE B2 RAM P-CACHE B2 RAM P-CACHE B1 RAM D-CACHE B2 RAM P-CACHE B2 RAM P-CACHE B2 RAM D-CACHE B2 RAM P-CACHE B2 RAM P-CACHE B0 RAM IO (32) INTERNAL MEMORY INTERFACE (IMIF) I/D CACHE CONTROL SHARC+ SIMD CORE SLAVE PORT 1 SLAVE PORT 2 IO (32) CORE MMR DM (64) PM (64) PS (64/48) (32) MASTER PORT INSTRUCTION MASTER PORT DATA IO (32) IO (32) CMD (64) CMI (64) SYSTEM FABRIC SYSCLK DOMAIN INTERRUPT SEC S SIMD Processor CCLK DOMAIN ® |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |