Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 86 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 82Page - Analog Devices ADSP-SC583 Datasheet HTML 83Page - Analog Devices ADSP-SC583 Datasheet HTML 84Page - Analog Devices ADSP-SC583 Datasheet HTML 85Page - Analog Devices ADSP-SC583 Datasheet HTML 86Page - Analog Devices ADSP-SC583 Datasheet HTML 87Page - Analog Devices ADSP-SC583 Datasheet HTML 88Page - Analog Devices ADSP-SC583 Datasheet HTML 89Page - Analog Devices ADSP-SC583 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 173 page
background image
Rev. B
|
Page 86 of 173
|
December 2018
ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587
The following equation is used to compute the power dissipa-
tion when the FFT accelerator is used:
IDD_INT_ACCL_DYN (mA) = ASFACCL × fSYSCLK (MHz) ×
VDD_INT (V)
Clock Current
The dynamic clock currents provide the total power dissipated
by all transistors switching in the clock paths. The power dissi-
pated by each clock domain is dependent on voltage (VDD_INT),
operating frequency, and a unique scaling factor.
IDD_INT_SYSCLK_DYN (mA) = 0.78 × fSYSCLK (MHz) ×
VDD_INT (V)
IDD_INT_SCLK0_DYN (mA) = 0.44 × fSCLK0 (MHz) × VDD_INT (V)
IDD_INT_SCLK1_DYN (mA) = 0.06 × fSCLK1 (MHz) × VDD_INT (V)
IDD_INT_DCLK_DYN (mA) = 0.14 × fDCLK (MHz) × VDD_INT (V)
IDD_INT_OCLK_DYN (mA) = 0.02 × fOCLK (MHz) × VDD_INT (V)
Current from High Speed Peripheral Operation
The following modules contribute significantly to power dissi-
pation, and a single term is added when the modules are used.
IDD_INT_USB_DYN = 20 mA (if both USBs are enabled in HS
mode)
IDD_INT_MLB_DYN = 10 mA (if MLB 6-pin interface is enabled)
IDD_INT_EMAC_DYN = 10 mA (if EMAC is enabled)
IDD_INT_PCIE_DYN = 240 mA (if PCIe is enabled in 5 Gbps mode)
Data Transmission Current
The data transmission current represents the power dissipated
when moving data throughout the system via direct memory
access (DMA). This current is proportional to the data rate.
Refer to the power calculator available with Estimating Power
for ADSP-SC58x/2158x SHARC+ Processors (EE-392) to esti-
mate IDD_INT_DMA_DR_DYN based on the bandwidth of the data
transfer.
Table 34. Dynamic Current for Each SHARC+ Core
(mA, with ASF = 1.00)1
fCCLK (MHz)
Voltage (VDD_INT)
1.05
1.10
1.15
1.20
500
N/A
374
391
408
450
321
337
352
367
400
286
299
313
326
350
250
262
274
286
300
214
224
235
245
250
179
187
196
204
200
143
150
156
163
150
107
112
117
122
100
71757882
1 N/A means not applicable.
Table 35. Dynamic Current for the Arm Cortex-A5 Core
(mA, with ASF = 1.00)1
fCCLK (MHz)
Voltage (VDD_INT)
1.05
1.10
1.15
1.20
500
N/A
83
86
90
450
71
74
78
81
400
63
66
69
72
350
55
58
60
63
300
47
50
52
54
250
39
41
43
45
200
32
33
35
36
150
24
25
26
27
100
16
17
18
19
1 N/A means not applicable.
Table 36. Activity Scaling Factors for the FFT Accelerator
(ASFACCL)
IDD_INT Power Vector
ASFACCL
Unused
0.0
IDD-TYP
0.32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com