Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 212Page - Renesas Technology Corp DA6021 Datasheet HTML 213Page - Renesas Technology Corp DA6021 Datasheet HTML 214Page - Renesas Technology Corp DA6021 Datasheet HTML 215Page - Renesas Technology Corp DA6021 Datasheet HTML 216Page - Renesas Technology Corp DA6021 Datasheet HTML 217Page - Renesas Technology Corp DA6021 Datasheet HTML 218Page - Renesas Technology Corp DA6021 Datasheet HTML 219Page - Renesas Technology Corp DA6021 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
216 of 224
www.dialog-semiconductor.com
K24
VUSBPHY
AO
VUSBPHY output voltage
K25
VSDIO
AO
VSDIO output voltage
L1
VCC_IN1B
PS
VCC buck regulator supply voltage
L2
VCC_LX1B
AO
VCC buck LX node phase 1
L3
VCC_GND2A
VSS
Ground
L4
VCC_GND2B
VSS
Ground
L5
VCC_GND3A
VSS
Ground
L6
VCC_GND3B
VSS
Ground
L7
VCC_GND4A
VSS
Ground
L8
VCC_GND4B
VSS
Ground
L9
V1P05S_GND
VSS
Ground
L10
VDDQ_VTT_GND
VSS
Ground
L11
VLP_GND
VSS
Ground
L12
SYSTHERM1
AI
system thermistor 1 input
L13
V1P0SX_FB
AI
V1P0SX sense line
L14
VBAT_SENSE
AI
battery voltage sense input signal
L15
VREF0P9
AO
0.9V reference output voltage
L16
VHDMI
AO
VHDMI output voltage
L17
V5P0S_GNDA
VSS
Ground
L18
V5P0S_GNDB
VSS
Ground
L19
V1P0A_GNDA
VSS
Ground
L20
V1P0A_GNDB
VSS
Ground
L21
BATID
DIO
battery ID port
L22
VSYSU_FB
AI
VSYSU sense line
L23
VSYS_SX_FB
AI
VSYS_SX sense line
L24
VSYSU_EN_B
AO
VSYSU external FET control line
L25
VSYS_SX_EN_B
AO
VSYS_SX external FET control line
M1
VSYS11
PS
system power supply
M2
VSYS13
PS
system power supply
M3
VCC_LX2A
AO
VCC buck LX node phase 2
M4
VCC_LX2B
AO
VCC buck LX node phase 2
M5
VCC_LX3A
AO
VCC buck LX node phase 3
M6
VCC_LX3B
AO
VCC buck LX node phase 3
M7
VCC_LX4A
AO
VCC buck LX node phase 4
M8
VCC_LX4B
AO
VCC buck LX node phase 4
M9
V1P05S_LX
AO
buck V1P05S LX node
M10
VSYS_3
PS
system power supply
M11
VDDQ_VTT
AO
VDDQ_VTT output voltage
M12
VSYS_2
PS
system power supply
M13
V1P0S_FB
AI
V1P0S sense line
M14
V1P0SX_EN
AO
V1P0SX external FET control line
M15
VREF12_GND
VSS
Ground
M16
PMICTEST
DI
test signal
M17
V5P0S_LXA
AO
V5P0S buck boost LX node 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com