Electronic Components Datasheet Search
  English  ▼

X  

DA6021 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 217Page - Renesas Technology Corp DA6021 Datasheet HTML 218Page - Renesas Technology Corp DA6021 Datasheet HTML 219Page - Renesas Technology Corp DA6021 Datasheet HTML 220Page - Renesas Technology Corp DA6021 Datasheet HTML 221Page - Renesas Technology Corp DA6021 Datasheet HTML 222Page - Renesas Technology Corp DA6021 Datasheet HTML 223Page - Renesas Technology Corp DA6021 Datasheet HTML 224Page - Renesas Technology Corp DA6021 Datasheet HTML 225Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 222 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
222 of 224
www.dialog-semiconductor.com
Appendix A: BOM
Voltage rail
#
Value
Tol
Rmax
Comment
VCC
4
4.7µF
±20%
10V
0603
Supply voltage filter capacitors
6
47µF
±20%
2.5V
0805
Output stabilization capacitors
4
0.47µH
±30%
38mΩ 1008
e.g. Taiyo Yuden MAMK2520TR47M
VNN
4
4.7µF
±20%
10V
0603
Supply voltage filter capacitors
3
47µF
±20%
2.5V
0805
Output stabilization capacitors
4
0.47µH
±30%
38mΩ 1008
e.g. MAMK2520TR47M
V1P0A
1
4.7µF
±20%
10V
0603
Supply voltage filter capacitors
2
47µF
±20%
2.5V
0805
Output stabilization capacitors
1
0.47µH
±30%
38mΩ 1008
e.g. MAMK2520TR47M
V1P05S
1
4.7µF
±20%
10V
0603
Supply voltage filter capacitor
1
47µF
±20%
2.5V
0805
Output stabilization capacitors
1
0.47µH
±30%
38mΩ 1008
e.g. MAMK2520TR47M
V1P8A
1
4.7µF
±20%
10V
0603
Supply voltage filter capacitor
1
47µF
±20%
2.5V
0805
Output stabilization capacitors
1
0.47µH
±30%
38mΩ 1008
e.g. MAMK2520TR47M
VDDQ
2
4.7µF
±20%
10V
0603
Supply voltage filter capacitors
2
47µF
±20%
2.5V
0805
Output stabilization capacitors
2
0.47µH
±30%
38mΩ 1008
e.g. MAMK2520TR47M
V3P3A
1
4.7µF
±20%
10V
0603
Supply voltage filter capacitors
3
47µF
±20%
6.3V
0805
Output stabilization capacitors
2
1µH
±30%
38mΩ 1008
e.g. MAMK2520T1R0M
or 1x 0.47µH with some efficiency
performance degradation
V2P85S
1
4.7µF
±20%
10V
0603
Supply voltage filter capacitor
1
47µF
±20%
6.3V
0805
Output stabilization capacitor
1
0.47µH
±30%
38mΩ 1008
e.g. MAMK2520TR47M
V5P0S
2
10µF
±20%
16V
0603
Supply voltage filter capacitors
2
47µF
±20%
6.3V
0805
Output stabilization capacitors
1
0.47µH
±30%
38mΩ 1008
e.g. MAMK2520TR47M
VDDQ_VTT_IN
1
100nF
±10%
6.3V
0201
Supply voltage filter capacitor
VDDQ_VTT
1
10µF
±20%
4V
0603
Output stabilization capacitor
VDDQ_VTT_R
1
1µF
±20%
6.3V
0201
Output stabilization capacitor
V1P2S
1
1µF
±20%
6.3V
0201
Output stabilization capacitor
V1P2A
1
1µF
±20%
6.3V
0201
Output stabilization capacitor
VREFDQ0
1
1µF
±20%
6.3V
0201
Output stabilization capacitor
VREFDQ1
1
1µF
±20%
6.3V
0201
Output stabilization capacitor
VLP
1
2.2µF
±10%
6.3V
0201
Output stabilization capacitor
VREF0P9
1
2.2µF
±10%
6.3V
0201
Output stabilization capacitor
VREF12
1
2.2µF
±10%
6.3V
0201
Output stabilization capacitor
IREF12
1
200kΩ
±1%
01005
VSYS_1
1
100nF
±10%
10V
0201
Supply voltage filter capacitor
VSYS_2
1
100nF
±10%
10V
0201
Supply voltage filter capacitor
VSYS_3
1
100nF
±10%
10V
0201
Supply voltage filter capacitor
VSYS_8_9_10
1
100nF
±10%
10V
0201
Supply voltage filter capacitor
VSYS_11_12_13
1
100nF
±10%
10V
0201
Supply voltage filter capacitor
PWM_VDD
1
1µF
±20%
6.3V
0201
Supply voltage filter capacitor
V1P8A
1
1µF
±20%
6.3V
0201
Output stabilization capacitor
GPIO0_VDD
1
100nF
±10%
10V
0201
Supply voltage filter capacitor
GPIO1_VDD
1
100nF
±10%
10V
0201
Supply voltage filter capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com