Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 15 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 15 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 11Page - VIA Technologies, Inc. VT8235 Datasheet HTML 12Page - VIA Technologies, Inc. VT8235 Datasheet HTML 13Page - VIA Technologies, Inc. VT8235 Datasheet HTML 14Page - VIA Technologies, Inc. VT8235 Datasheet HTML 15Page - VIA Technologies, Inc. VT8235 Datasheet HTML 16Page - VIA Technologies, Inc. VT8235 Datasheet HTML 17Page - VIA Technologies, Inc. VT8235 Datasheet HTML 18Page - VIA Technologies, Inc. VT8235 Datasheet HTML 19Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-9-
Pin Descriptions
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
PIN DESCRIPTIONS
Table 3. Pin Descriptions
V-Link Interface
Signal Name
Pin #
I/O Signal Description
VAD[15:0]
K22, J22, G24, H22,
G22, G23, F23, D25,
K26, K24, E24, E26,
J25, J26, F26, F25
IO
Address / Data Bus.
Bits 0-7 are implemented and bits 8-15 are reserved for
future use. VAD[6:0] are used to send strap information to the chipset north
bridge. At power up VAD[6:4] reflect the state of straps on pins SDA[2:0]
and VAD[3:0] reflect the state of straps on pins SA[19:16]. The specific
interpretation of these straps is north bridge chip design dependent.
VPAR
D26
IO
Parity.
If the VPAR function is implemented in a compatible manner on the
north bridge, this pin should be connected to the north bridge VPAR pin
(P4X333, P4X400, P4X800, KT400). If VPAR is not implemented in the
north bridge chip or is incompatible with the 8235 (4x V-Link north bridges)
connect this pin to an 8.2K pullup to 2.5V (Pro266, Pro266T, KT266,
KT266A, KT333, P4X266, PN266, KN266, KM266, P4M266, P4N266). See
app note AN222 for details.
VBE[1:0]#
L26, F24
IO
Byte Enables.
VBE0# is used with VAD[7-0] and VBE1# is used with
VAD[15-8] (VBE1# and VAD[15-8] are reserved for future use).
VCLK
L24
I
V-Link Clock.
UPCMD
K25
O
Command from Client-to-Host.
DNCMD
J24
I
Command from Host-to-Client.
UPSTB
H24
O
Strobe from Client-to-Host.
UPSTB#
H26
O
Complement Strobe from Client-to-Host.
DNSTB
G25
I
Strobe from Host-to-Client.
DNSTB#
G26
I
Complement Strobe from Host-to-Client.
VLVREF
J23
I
Voltage Reference.
VLCOMP
K23
I
V-Link Compensation.
VCCVK
(see pin list)
P
V-Link VK Power.
Advanced Programmable Interrupt Controller (APIC) Interface
Signal Name
Pin #
I/O Signal Description
APICD1
V23
O
Internal APIC Data 1.
Function 0 Rx58[6] = 1
APICD0
T22
O
Internal APIC Data 0.
Function 0 Rx58[6] = 1
APICCLK
U23
I
APIC Clock.
Straps
Signal Name
Pin #
I/O Signal Description
Strap
/ SDCS3#
AD23
I
Strap.
State reflected on VAD[7] at powerup. No internal function.
Strap
/ SDA2
AF23
I
Strap.
State reflected on VAD[6] at powerup. No internal function.
Strap
/ SDA1
AC22
I
Strap.
State reflected on VAD[5] at powerup. No internal function.
Strap
/ SDA0
AE23
I
Strap.
State reflected on VAD[4] at powerup. No internal function.
Strap
/ SA19
AC11
I
Strap.
State reflected on VAD[3] at powerup. No internal function.
Strap
/ SA18
AD11
I
Strap.
State reflected on VAD[2] at powerup. No internal function.
Strap
/ SA17
AE11
I
Strap.
State reflected on VAD[1] at powerup. No internal function.
Strap
/ SA16
AF11
I
Strap.
State reflected on VAD[0] at powerup. No internal function.
Strap
/ SOE#
AD12
I
Strap.
Strap low to enable (high to disable) auto reboot.
Strap
/ SPKR
AE9
I
Strap.
Strap low to enable (high to disable) CPU frequency strapping
Strap
/ ROMCS# / KBCS#
AF12
I
Strap.
Strap high to enable LPC BIOS ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com