Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 34 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 34 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 30Page - VIA Technologies, Inc. VT8235 Datasheet HTML 31Page - VIA Technologies, Inc. VT8235 Datasheet HTML 32Page - VIA Technologies, Inc. VT8235 Datasheet HTML 33Page - VIA Technologies, Inc. VT8235 Datasheet HTML 34Page - VIA Technologies, Inc. VT8235 Datasheet HTML 35Page - VIA Technologies, Inc. VT8235 Datasheet HTML 36Page - VIA Technologies, Inc. VT8235 Datasheet HTML 37Page - VIA Technologies, Inc. VT8235 Datasheet HTML 38Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-28-
Register Overview
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Device 17 Function 0 Registers – Bus Control & Power
Management
Configuration Space Bus Control & PM Header Registers
Offset Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
3177
RO
5-4
Command
0087
RW
7-6
Status
0200
WC
8
Revision ID
nn
RO
9
Programming Interface
00
RO
A
Sub Class Code
01
RO
B
Base Class Code
06
RO
C
-reserved- (cache line size)
00
—
D
-reserved- (latency timer)
00
—
E
Header Type
80
RO
F
Built In Self Test (BIST)
00
RO
10-27 -reserved- (base address registers)
00
—
28-2B -reserved- (unassigned)
00
—
2D-2C Sub Vendor ID
00
RO
2F-2E Sub Device ID
00
RO
30-33 -reserved- (expan. ROM base addr)
00
—
34-3B -reserved- (unassigned)
00
—
3C
-reserved- (interrupt line)
00
—
3D
-reserved- (interrupt pin)
00
—
3E
-reserved- (min gnt)
00
—
3F
-reserved- (max lat)
00
—
Configuration Space PCI-to-ISA Bridge-Specific Registers
Offset ISA Bus Control
Default
Acc
40
ISA Bus Control
00
RW
41
BIOS ROM Decode Control
00
RW
42
Line Buffer Control
00
RW
43
Delay Transaction Control
00
RW
44-47 -reserved-
00
—
48
Read Pass Write Control
00
RW
49
CCA Control
00
RW
4A-4B -reserved-
00
—
Offset Miscellaneous Control
Default
Acc
4C
IDE Interrupt Routing
00
RW
4D
-reserved-
00
—
4E
Internal RTC Test Mode
00
RW
4F
PCI Bus & CPU Interface Control
00
RW
Offset Function Control
Default
Acc
50
Function Control 1
09
RW
51
Function Control 2
0D
RW
Offset Serial IRQ, LPC & PC/PCI Control
Default
Acc
52
Serial IRQ & LPC Control
00
RW
53
PC/PCI DMA Control
00
RW
Offset Plug and Play Control
Default
Acc
54
PCI Interrupt Polarity
00
RW
55
PnP Routing for PCI INTA
00
RW
56
PnP Routing for PCI INTB-C
00
RW
57
PnP Routing for PCI INTD
00
RW
Offset GPIO and Miscellaneous Control
Default
Acc
58
Miscellaneous Control 0
40
RW
59
Miscellaneous Control 1
00
RW
5A
DMA Bandwidth Control
00
RW
5B
Miscellaneous Control 2
00
RW
Offset Programmable Chip Select Control
Default
Acc
5D-5C PCS0# I/O Port Address
0000
RW
5F-5E PCS1# I/O Port Address
0000
RW
61-60 PCS2# I/O Port Address
0000
RW
63-62 PCS3# I/O Port Address
0000
RW
64
PCS[1-0]# I/O Port Address Mask
00
RW
65
PCS[3-2]# I/O Port Address Mask
00
RW
66
Programmable Chip Select Control
00
RW
67
Output Control
04
RW
68-6B -reserved-
00
—
Offset Miscellaneous
Default
Acc
6C
ISA Positive Decoding Control 1
00
RW
6D
ISA Positive Decoding Control 2
00
RW
6E
ISA Positive Decoding Control 3
00
RW
6F
ISA Positive Decoding Control 4
00
RW
71-70 Sub Vendor ID Backdoor
00
RW
73-72 Sub Device ID Backdoor
00
RW
70-78 -reserved-
00
—
79
PnP IRQ/DRQ Test (do not prog)
00
RW
7A
IDE / USB Test (do not program)
00
RW
7B
PLL Test (do not program)
00
RW
7C
I/O Pad Control
00
RW
7D-7F -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com