Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 9 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 9 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 5Page - VIA Technologies, Inc. VT8235 Datasheet HTML 6Page - VIA Technologies, Inc. VT8235 Datasheet HTML 7Page - VIA Technologies, Inc. VT8235 Datasheet HTML 8Page - VIA Technologies, Inc. VT8235 Datasheet HTML 9Page - VIA Technologies, Inc. VT8235 Datasheet HTML 10Page - VIA Technologies, Inc. VT8235 Datasheet HTML 11Page - VIA Technologies, Inc. VT8235 Datasheet HTML 12Page - VIA Technologies, Inc. VT8235 Datasheet HTML 13Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-3-
Product Features
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
x
System Management Bus Interface
− Host interface for processor communications
− Slave interface for external SMBus masters
x
Universal Serial Bus Controller
− USB v2.0 and Enhanced Host Controller Interface (EHCI) v1.0 compatible
− USB v1.1 and Universal Host Controller Interface (UHCI) v1.1 compatible
− Eighteen level (doublewords) data FIFO with full scatter and gather capability
− Three root hubs and six function ports
− Integrated physical layer transceivers with optional over-current detection status on USB inputs
− Legacy keyboard and PS/2 mouse support
x
Sophisticated PC2001-Compatible Mobile Power Management
− Supports both ACPI (Advanced Configuration and Power Interface) and legacy (APM) power management
− ACPI v1.0 Compliant
− APM v1.2 Compliant
− CPU clock throttling and clock stop control for complete ACPI C0 to C3 state support
− PCI bus clock run, Power Management Enable (PME) control, and PCI/CPU clock generator stop control
− Supports multiple system suspend types: power-on suspends with flexible CPU/PCI bus reset options,
suspend to DRAM, and suspend to disk (soft-off), all with hardware automatic wake-up
− Multiple suspend power plane controls and suspend status indicators
− One idle timer, one peripheral timer and one general purpose timer, plus 24/32-bit ACPI compliant timer
− Normal, doze, sleep, suspend and conserve modes
− Global and local device power control
− System event monitoring with two event classes
− Primary and secondary interrupt differentiation for individual channels
− Dedicated input pins for power and sleep buttons, external modem ring indicator, and notebook lid open/close for
system wake-up
− 32 general purpose input ports and 32 output ports
− Multiple internal and external SMI sources for flexible power management models
− Enhanced integrated real time clock (RTC) with date alarm, month alarm, and century field
− Thermal alarm on external temperature sensing circuit
− I/O pad leakage control
x
Plug and Play Controller
− PCI interrupts steerable to any interrupt channel
− Steerable interrupts for integrated peripheral controllers: USB, floppy, serial, parallel, and audio
− Microsoft Windows XPTM, Windows NTTM, Windows 2000TM, Windows 98TM and plug and play BIOS compliant
x
Built-in NAND-tree pin scan test capability
x
0.22um, 2.5V, low power CMOS process
x
Single chip 27 x 27 mm, 1.0 mm ball pitch, 487 pin BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com