Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 38 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 38 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 34Page - VIA Technologies, Inc. VT8235 Datasheet HTML 35Page - VIA Technologies, Inc. VT8235 Datasheet HTML 36Page - VIA Technologies, Inc. VT8235 Datasheet HTML 37Page - VIA Technologies, Inc. VT8235 Datasheet HTML 38Page - VIA Technologies, Inc. VT8235 Datasheet HTML 39Page - VIA Technologies, Inc. VT8235 Datasheet HTML 40Page - VIA Technologies, Inc. VT8235 Datasheet HTML 41Page - VIA Technologies, Inc. VT8235 Datasheet HTML 42Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-32-
Register Overview
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Device 17 Function 5 & 6 Registers – AC/MC97 Codecs
Function 5 Configuration Space AC97 Header Registers
Offset Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
3059
RO
5-4
Command
0000
RW
7-6
Status
0210
RO
8
Revision ID
50
RO
9
Programming Interface
00
RO
A
Sub Class Code
01
RO
B
Base Class Code
04
RO
C-F
-reserved-
00
—
13-10 Base Address 0 - SGD Control/Status 0000 0001 RW
17-14 Base Address 1 (reserved)
0000 0000 —
1B-18 Base Address 2 (reserved)
0000 0000 —
1F-1C Base Address 3 (reserved)
0000 0000 —
23-20 Base Address 4 (reserved)
0000 0000 —
27-24 Base Address 5 (reserved)
0000 0000 —
28-29 -reserved-
00
—
2F-2C Subsystem ID / SubVendor ID
0000 0000 RW
33-30 Expansion ROM (reserved)
0000 0000 —
34
Capture Pointer
C0
RW
35-3B -reserved-
00
—
3C
Interrupt Line
00
RW
3D
Interrupt Pin
03
RO
3E
Minimum Grant
00
RO
3F
Maximum Latency
00
RO
Configuration Space Audio Codec-Specific Registers
Offset Audio Codec Link Control
Default
Acc
40
AC-Link Interface Status
00
RO
41
AC-Link Interface Control
00
RW
42
Function Enable
00
RW
43
-reserved-
00
—
44
MC97 Interface Control
00
RO
45-47 -reserved-
00
—
48
Value Change Rate Control
00
RW
49
S/PDIF Control
00
RW
4A-BF -reserved-
00
—
C3-C0 Power Management Capability
0002 0001 RO
C7-C4 Power State
0000 0000 RW
C8-FF -reserved-
00
—
Function 6 Configuration Space MC97 Header Registers
Offset Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
3068
RO
5-4
Command
0000
RW
7-6
Status
0200
RO
8
Revision ID
70
RO
9
Programming Interface
00
RO
A
Sub Class Code
80
RO
B
Base Class Code
07
RO
C-F
-reserved-
00
—
13-10 Base Address 0 - SGD Control/Status 0000 0001 RW
17-14 Base Address 1 (reserved)
0000 0000 —
1B-18 Base Address 2 (reserved)
0000 0000 —
1F-1C Base Address 3 (reserved)
0000 0000 —
23-20 Base Address 4 (reserved)
0000 0000 —
27-24 Base Address 5 (reserved)
0000 0000 —
28-29 -reserved-
00
—
2F-2C Subsystem ID / SubVendor ID
0000 0000 RW
33-30 Expansion ROM (reserved)
0000 0000 —
34
Capture Pointer
D0
RW
35-3B -reserved-
00
—
3C
Interrupt Line
00
RW
3D
Interrupt Pin
03
RO
3E
Minimum Grant
00
RO
3F
Maximum Latency
00
RO
Configuration Space Modem Codec-Specific Registers
Offset Modem Codec Link Control
Default
Acc
40
AC-Link Interface Status
00
RO
41
AC-Link Interface Control
00
RW
42
Function Enable
00
RO
43
-reserved-
00
—
44
MC97 Interface Control
00
RW
45-47 -reserved-
00
—
48
Value Change Rate Control
00
RO
49
S/PDIF Control
00
RO
4A-CF -reserved-
00
—
D3-D0 Power Management Capability
0002 0001 RO
D7-D4 Power State
0000 0000 RW
D8-FF -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com