Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 95 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 95 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 91Page - VIA Technologies, Inc. VT8235 Datasheet HTML 92Page - VIA Technologies, Inc. VT8235 Datasheet HTML 93Page - VIA Technologies, Inc. VT8235 Datasheet HTML 94Page - VIA Technologies, Inc. VT8235 Datasheet HTML 95Page - VIA Technologies, Inc. VT8235 Datasheet HTML 96Page - VIA Technologies, Inc. VT8235 Datasheet HTML 97Page - VIA Technologies, Inc. VT8235 Datasheet HTML 98Page - VIA Technologies, Inc. VT8235 Datasheet HTML 99Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-89-
I/O Space Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
General Purpose I/O Registers
I/O Offset 45 – SMI / IRQ / Resume Status .................... RO
7-5
Reserved
........................................ always reads 0
4
Latest PCSn Status
0
Latest PCSn was an I/O Read
1
Latest PCSn was an I/O Write
3
Serial SMI Status
This bit is used to report a Serial-IRQ-generated SMI.
2
Reserved
........................................ always reads 0
1
SMBus IRQ Status
This bit is used to report an SMBus SMI.
0
SMBus Resume Status
This bit is used to report an SMBus Resume Event.
I/O Offset 4B-48 - GPI Port Input Value (GPIVAL) ..... RO
31-0 GPI[31-0] Input Value
............................. Read Only
I/O Offset 4F-4C - GPO Port Output Value (GPOVAL)RW
Reads from this register return the last value written (held on
chip). Some GPIO pins can be used as both input and output
(GPIO pins 8-15 and 20-31). The output type of these pins is
OD (open drain) so to use one of these pins as an input pin, a
one must be written to the corresponding bit of this register.
See also Function 0 RxE4[4-3] for I/O control of GPIO pins 8-
15.
31-0 GPO[31-0] Output Value
..............def = FFFFFFFFh
I/O Offset 50 – GPI Pin Change Status ...........................RW
7
GPI27 Pin Change Status
........................ default = 0
6
GPI26 Pin Change Status
........................ default = 0
5
GPI25 Pin Change Status
........................ default = 0
4
GPI24 Pin Change Status
........................ default = 0
3
GPI19 Pin Change Status
........................ default = 0
2
GPI18 Pin Change Status
........................ default = 0
1
GPI17 Pin Change Status
........................ default = 0
0
GPI16 Pin Change Status
........................ default = 0
I/O Offset 52 – GPI Pin Change SCI/SMI Select............RW
7
GPI27 Pin SCI / SMI Select
6
GPI26 Pin SCI / SMI Select
5
GPI25 Pin SCI / SMI Select
4
GPI24 Pin SCI / SMI Select
3
GPI19 Pin SCI / SMI Select
2
GPI18 Pin SCI / SMI Select
1
GPI17 Pin SCI / SMI Select
0
GPI16 Pin SCI / SMI Select
0
SCI on pin input change ........................ default
1
SMI on pin input change
I/O Trap Registers
I/O Offset 57-54 – I/O Trap PCI Data ............................. RO
31-0 PCI Data During I/O Trap SMI
I/O Offset 59-58 – I/O Trap PCI I/O Address ................. RO
15-0 PCI Address During I/O Trap SMI
I/O Offset 5A – I/O Trap PCI Command / Byte Enable RO
7-4
PCI Command Type During I/O Trap SMI
3-0
PCI Byte Enable During I/O Trap SMI
I/O Offset 5C – CPU Performance Control.................... RW
7-2
Reserved
........................................always reads 0
1
Lower CPU Voltage During C3 / S1
This bit controls the CPU voltage in C3/S1 state. The
voltage is lowered using the VGATE signal (PMIO
RxE5[4] must be 0 to enable the voltage change
function).
0
Disable (normal voltage during C3/S1) ....... def
1
Enable (lower voltage during C3/S1)
0
Lower CPU Frequency During C3 / S1
This bit controls the CPU frequency in C3/S1 state.
The frequency is lowered using the GHI# signal
(PMIO RxE5[3] must be 0 to enable the frequency
change function).
0
Disable (normal frequency during C3/S1) ... def
1
Enable (lower frequency during C3/S1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com