Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 91 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 91 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 87Page - VIA Technologies, Inc. VT8235 Datasheet HTML 88Page - VIA Technologies, Inc. VT8235 Datasheet HTML 89Page - VIA Technologies, Inc. VT8235 Datasheet HTML 90Page - VIA Technologies, Inc. VT8235 Datasheet HTML 91Page - VIA Technologies, Inc. VT8235 Datasheet HTML 92Page - VIA Technologies, Inc. VT8235 Datasheet HTML 93Page - VIA Technologies, Inc. VT8235 Datasheet HTML 94Page - VIA Technologies, Inc. VT8235 Datasheet HTML 95Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-85-
I/O Space Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Generic Power Management Registers
I/O Offset 29-28 - Global Status ....................................RWC
15
GPIO Range 1 Access Status
................... default = 0
14
GPIO Range 0 Access Status
................... default = 0
13
GP3 Timer Timeout Status
..................... default = 0
12
GP2 Timer Timeout Status
..................... default = 0
11
SERIRQ SMI Status
................................ default = 0
10
Rx5[5] Write SMI Status
......................... default = 0
This bit reports whether Rx5[5] is written.
If
Rx2B[3] is set to enable SMI, an SMI in generated
when this bit = 1.
9
Reserved
........................................ always reads 0
8
PCKRUN# Resume Status
...................... default = 0
This bit is set when PCI bus peripherals wake up the
system by asserting PCKRUN#
7
Primary IRQ/INIT/NMI/SMI Resume Status
def=0
This bit is set at the occurrence of primary IRQs as
defined in Rx85-84 of PCI configuration space
6
Software SMI Status
................................ default = 0
This bit is set when the SMI Command port (Rx2F)
is written.
5
BIOS Status
.............................................. default = 0
This bit is set when the Global Release bit is set to
one (typically by the ACPI software to release
control of the SCI/SMI lock). When this bit is reset
(by writing a one to this bit position) the Global
Release bit is reset at the same time by hardware.
4
Legacy USB Status
................................... default = 0
This bit is set when a legacy USB event occurs. This
is normally used for USB keyboards.
3
GP1 Timer Time Out Status
................... default = 0
This bit is set when the GP1 timer times out.
2
GP0 Timer Time Out Status
................... default = 0
This bit is set when the GP0 timer times out.
1
Secondary Event Timer Time Out Status
...... def=0
This bit is set when the secondary event timer times
out.
0
Primary Activity Status
........................... default = 0
This bit is set at the occurrence of any enabled
primary system activity (see the Primary Activity
Detect Status register at offset 30h and the Primary
Activity Detect Enable register at offset 34h). After
checking this bit, software can check the status bits in
the Primary Activity Detect Status register at offset
30h to identify the specific source of the primary
event. Note that setting this bit can be enabled to
reload the GP0 timer (see bit-0 of the GP Timer
Reload Enable register at offset 38).
Note that SMI can be generated based on the setting of any of
the above bits (see the Rx2A Global Enable register bit
descriptions in the right hand column of this page).
The bits in this register are set by hardware only and can only
be cleared by writing a one to the desired bit position.
The bits in this register are for SMI’s only while the bits in
Rx21-20 are for SMI’s and SCI’s
I/O Offset 2B-2A - Global Enable ................................... RW
15
GPIO Range 1 SMI Enable
.....................default = 0
14
GPIO Range 0 SMI Enable
.....................default = 0
13
GP3 Timer Timeout SMI Enable
............default = 0
12
GP2 Timer Timeout SMI Enable
............default = 0
11
SERIRQ SMI Enable
...............................default = 0
10
SMI on Sleep Enable Write
.....................default = 0
9
Reserved
........................................always reads 0
8
PCKRUN# Resume Enable
.....................default = 0
This bit may be set to trigger an SMI to be generated
when the PCKRUN# Resume Status bit is set.
7
Primary IRQ/INIT/NMI/SMI Resume Enable In
Post State
..............................................default = 0
This bit may be set to trigger an SMI to be generated
when the Primary IRQ / INIT / NMI / SMI Resume
Status bit is set.
6
SMI on Software SMI
..............................default = 0
This bit may be set to trigger an SMI to be generated
when the Software SMI Status bit is set.
5
SMI on BIOS Status
.................................default = 0
This bit may be set to trigger an SMI to be generated
when the BIOS Status bit is set.
4
SMI on Legacy USB
.................................default = 0
This bit may be set to trigger an SMI to be generated
when the Legacy USB Status bit is set.
3
SMI on GP1 Timer Time Out
..................default = 0
This bit may be set to trigger an SMI to be generated
when the GP1 Timer Timeout Status bit is set.
2
SMI on GP0 Timer Time Out
..................default = 0
This bit may be set to trigger an SMI to be generated
when the GP0 Timer Timeout Status bit is set.
1
SMI on Secondary Event Timer Time Out
....def=0
This bit may be set to trigger an SMI to be generated
when the Secondary Event Timer Timeout Status bit
is set.
0
SMI on Primary Activity
.........................default = 0
This bit may be set to trigger an SMI to be generated
when the Primary Activity Status bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com