Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 100 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 100 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 96Page - VIA Technologies, Inc. VT8235 Datasheet HTML 97Page - VIA Technologies, Inc. VT8235 Datasheet HTML 98Page - VIA Technologies, Inc. VT8235 Datasheet HTML 99Page - VIA Technologies, Inc. VT8235 Datasheet HTML 100Page - VIA Technologies, Inc. VT8235 Datasheet HTML 101Page - VIA Technologies, Inc. VT8235 Datasheet HTML 102Page - VIA Technologies, Inc. VT8235 Datasheet HTML 103Page - VIA Technologies, Inc. VT8235 Datasheet HTML 104Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-94-
Device 17 Function 1 Enhanced IDE Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 13-10 - Pri Data / Command Base Address..........RW
Specifies an 8 byte I/O address space.
31-16 Reserved
..........................................always read 0
15-3 Port Address
....................................... default=01F0h
2-0
Fixed at 001b
..................................................... fixed
Offset 17-14 - Pri Control / Status Base Address............RW
Specifies a 4 byte I/O address space of which only the third
byte is active (i.e., 3F6h for the default base address of 3F4h).
31-16 Reserved
..........................................always read 0
15-2 Port Address
....................................... default=03F4h
1-0
Fixed at 01b
....................................................... fixed
Offset 1B-18 - Sec Data / Command Base Address ........RW
S
pecifies an 8 byte I/O address space.
31-16 Reserved
..........................................always read 0
15-3 Port Address
...................................... default=0170h
2-0
Fixed at 001b
..................................................... fixed
Offset 1F-1C - Sec Control / Status Base Address ..........RW
Specifies a 4 byte I/O address space of which only the third
byte is active (i.e., 376h for the default base address of 374h).
31-16 Reserved
..........................................always read 0
15-2 Port Address
...................................... default=0374h
1-0
Fixed at 01b
....................................................... fixed
Offset 23-20 - Bus Master Control Regs Base Address ..RW
Specifies a 16 byte I/O address space compliant with the SFF-
8038
i rev 1.0 specification.
31-16 Reserved
..........................................always read 0
15-4 Port Address
....................................... default=CC0h
3-0
Fixed at 0001b
................................................... fixed
See Rx42[7-6] for Native / Compatibility mode select for the
above registers
Offset 2D-2C – Sub Vendor ID (0000h) ........................... RO
The readback value may be changed by writing to RxD5-D4.
Offset 2F-2E – Sub Device ID (0000h) ............................. RO
The readback value may be changed by writing to RxD7-D6.
Offset 34 - Capability Pointer (C0h) ................................ RO
Offset 3C - Interrupt Line (0Eh) ...................................... RO
7-4
Reserved
......................................... always read 0
3-0
IDE Interrupt Routing
(for native mode)
0000 Disable
0001 IRQ1
0010 IRQ2
… …
1101 IRQ13
1110 IRQ14 .................................................... default
1111 IRQ15
APIC (See Device 17 Function 0 Rx4D[7])
x000 IRQ16
x001 IRQ17
x010 IRQ18
… …
x111 IRQ23
Offset 3D - Interrupt Pin (00h) ......................................... RO
7-0
Interrupt Routing Mode
00h Legacy mode interrupt routing .............. default
01h Native mode interrupt routing
Offset 3E - Minimum Grant (00h).................................... RO
Offset 3F - Maximum Latency (00h)................................ RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com