Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 103 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 103 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 99Page - VIA Technologies, Inc. VT8235 Datasheet HTML 100Page - VIA Technologies, Inc. VT8235 Datasheet HTML 101Page - VIA Technologies, Inc. VT8235 Datasheet HTML 102Page - VIA Technologies, Inc. VT8235 Datasheet HTML 103Page - VIA Technologies, Inc. VT8235 Datasheet HTML 104Page - VIA Technologies, Inc. VT8235 Datasheet HTML 105Page - VIA Technologies, Inc. VT8235 Datasheet HTML 106Page - VIA Technologies, Inc. VT8235 Datasheet HTML 107Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-97-
Device 17 Function 1 Enhanced IDE Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 4B-48 - Drive Timing Control (A8A8A8A8h)......RW
The following fields define the Active Pulse Width and
Recovery Time for the IDE DIOR# and DIOW# signals when
accessing the data ports (1F0 and 170):
One Completed Cycle
?]]]]]]]]]]]]"?
DIOR# / DIOW#
KIOOOOOUKKKKKKIO
Active Time
Recovery Time
31-28 Primary Drive 0 Active Pulse Width
...... def=1010b
27-24 Primary Drive 0 Recovery Time
............. def=1000b
23-20 Primary Drive 1 Active Pulse Width
...... def=1010b
19-16 Primary Drive 1 Recovery Time
............. def=1000b
15-12 Secondary Drive 0 Active Pulse Width
.. def=1010b
11-8 Secondary Drive 0 Recovery Time
......... def=1000b
7-4
Secondary Drive 1 Active Pulse Width
.. def=1010b
3-0
Secondary Drive 1 Recovery Time
......... def=1000b
The actual value for each field is the encoded value in the field
plus one and indicates the number of PCI clocks.
For
example, if the value in the field is 1010b (10 decimal), the
active pulse width or recovery time is 11 PCI clocks.
Offset 4C - Address Setup Time (FFh) ............................RW
The following fields define the Address Setup Time.
The
Address Setup Time is measured from the point when address
signals are stable to the point when DIOR# and DIOW# are
asserted. The IDE specification requires the setup time to not
exceed 1T.
However, the VT8233 provides flexibility for
devices that may not be able to meet the 1T requirement.
7-6
Primary Drive 0 Address Setup Time
5-4
Primary Drive 1 Address Setup Time
3-2
Secondary Drive 0 Address Setup Time
1-0
Secondary Drive 1 Address Setup Time
For each field above:
00 1T
01 2T
10 3T
11 4T
....................................................default
Offset 4E – Sec Non-1F0 Port Access Timing (B6h).......RW
7-4
DIOR# / DIOW# Active Pulse Width
.......def = 0Bh
3-0
DIOR# / DIOW# Recovery Time
.............. def = 06h
Offset 4F – Pri Non-1F0 Port Access Timing (B6h) .......RW
7-4
DIOR# / DIOW# Active Pulse Width
.......def = 0Bh
3-0
DIOR# / DIOW# Recovery Time
.............. def = 06h
The above fields define the primary and secondary channel
DIOR# and DIOW# active pulse widths and recovery times
when accessing non-data ports. The times are defined in terms
of PCI clocks and the actual value is equal to the value
encoded in the field plus one.
Offset 53-50 - UltraDMA Extended Timing Control ..... RW
31
Pri Drive 0 UltraDMA-Mode Enable Method
0
Enable by using “Set Feature” command .... def
1
Enable by setting bit-30 of this register
30
Pri Drive 0 UltraDMA-Mode Enable
0
Disable ................................................... default
1
Enable UltraDMA-Mode Operation
29
Pri Drive 0 Transfer Mode
0
DMA or PIO Mode ............................... default
1
UltraDMA Mode
28
Pri Drive 0 Cable Type Reporting
0
40-pin cable is being used...................... default
1
80-pin cable is being used
27-24 Pri Drive 0 Cycle Time (T = 7.5 ns for 133 MHz)
0000
2T
0001
3T
0010
4T
0011
5T
0100
6T
0101
7T
0110
8T
0111
9T
............................. default
1000
10T
1001
11T
1010
12T
1011
13T
1100
14T
1101
15T
1110
16T
1111
17T
23
Pri Drive 1 UltraDMA-Mode Enable Method
22
Pri Drive 1 UltraDMA-Mode Enable
21
Pri Drive 1 Transfer Mode
20
Pri Drive 1 Cable Type Reporting
0
40-pin cable is being used...................... default
1
80-pin cable is being used
19-16 Pri Drive 1 Cycle Time....................default = 0111b
15
Sec Drive 0 UltraDMA-Mode Enable Method
14
Sec Drive 0 UltraDMA-Mode Enable
13
Sec Drive 0 Transfer Mode
12
Sec Drive 0 Cable Type Reporting
0
40-pin cable is being used...................... default
1
80-pin cable is being used
11-8 Sec Drive 0 Cycle Time ..................default = 0111b
7
Sec Drive 1 UltraDMA-Mode Enable Method
6
Sec Drive 1 UltraDMA-Mode Enable
5
Sec Drive 1 Transfer Mode
4
Sec Drive 1 Cable Type Reporting
0
40-pin cable is being used...................... default
1
80-pin cable is being used
3-0
Sec Drive 1 Cycle Time ..................default = 0111b
Each byte defines UltraDMA operation for the indicated drive.
The bit definitions are the same within each byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com