Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 105 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 105 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 101Page - VIA Technologies, Inc. VT8235 Datasheet HTML 102Page - VIA Technologies, Inc. VT8235 Datasheet HTML 103Page - VIA Technologies, Inc. VT8235 Datasheet HTML 104Page - VIA Technologies, Inc. VT8235 Datasheet HTML 105Page - VIA Technologies, Inc. VT8235 Datasheet HTML 106Page - VIA Technologies, Inc. VT8235 Datasheet HTML 107Page - VIA Technologies, Inc. VT8235 Datasheet HTML 108Page - VIA Technologies, Inc. VT8235 Datasheet HTML 109Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-99-
Device 17 Function 1 Enhanced IDE Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 70 – Primary IDE Status ....................................... RO
7
Interrupt Status................................................... RO
1
Primary channel interrupt request pending
6
Prefetch Buffer Status ........................................ RO
1
PIO Prefetch transaction in progress
5
Post Write Buffer Status..................................... RO
1
PIO Post Write transaction in progress
4
DMA Read Prefetch Status ................................ RO
1
DMA Read Prefetch transaction in progress
3
DMA Write Pipeline Status................................ RO
1
DMA Write transaction in progress
2
S/G Operation Complete .................................... RO
1
Scatter / Gather operation complete
1
FIFO Empty Status............................................. RO
1
Primary Channel FIFO empty
0
Response to External DMA Request ................. RO
1
External pri channel DMA request pending
Offset 71 – Primary Interrupt Control (01h)..................RW
7-1
Reserved
........................................ always reads 0
0
Interrupt Gating
0
Disable
1
Enable (IRQ output gated until FIFO empty)
....................................................default
Offset 78 – Secondary IDE Status.................................... RO
7
Interrupt Status................................................... RO
1
Secondary channel interrupt request pending
6
Prefetch Buffer Status ........................................ RO
1
PIO Prefetch transaction in progress
5
Post Write Buffer Status..................................... RO
1
PIO Post Write transaction in progress
4
DMA Read Prefetch Status ................................ RO
1
DMA Read Prefetch transaction in progress
3
DMA Write Pipeline Status................................ RO
1
DMA Write transaction in progress
2
S/G Operation Complete .................................... RO
1
Scatter / Gather operation complete
1
FIFO Empty Status............................................. RO
1
Secondary Channel FIFO empty
0
Response to External DMA Request ................. RO
1
External sec channel DMA request pending
Offset 79 - Secondary Interrupt Control (01h) ...............RW
7-1
Reserved
........................................ always reads 0
0
Interrupt Gating
0
Disable
1
Enable (IRQ output gated until FIFO empty)
....................................................default
Offset 83-80 – Primary S/G Descriptor Address ............ RO
Offset 8B-88 – Secondary S/G Descriptor Address ........ RO
These registers are used for debugging purposes only.
IDE Power Management Registers
Offset C3-C0 – Power Management Capabilities ........... RO
31-0 PCI PM Block 1
.................always reads 0002 0001h
This
field
reports
support
details
for
Power
Management Capabilities according to the PCI Power
Management specification.
Offset C7-C4 – Power State .............................................. RO
31-2 Reserved
........................................always reads 0
1-0
Power State
00 D0
.................................................... default
01 -reserved-
10 -reserved-
11 D3 Hot
IDE Back Door Registers
Offset D0 – Back Door – Revision ID (06h) .................... RW
Offset D3-D2 – Back Door – Device ID (0571h) ............. RW
Offset D5-D4 – Back Door – Sub-Vendor ID (0000h).... RW
Offset D7-D6 – Back Door – Sub-Device ID (0000h) ..... RW
IDE Revision ID
Offset F6 – IDE New Revision ID (07h) ........................... RO
IDE I/O Registers
These registers are compliant with the SFF 8038I v1.0
standard. Refer to the SFF 8038I v1.0 specification for further
details.
I/O Offset 0 - Primary Channel Command
I/O Offset 2 - Primary Channel Status
I/O Offset 4-7 - Primary Channel PRD Table Address
I/O Offset 8 - Secondary Channel Command
I/O Offset A - Secondary Channel Status
I/O Offset C-F - Secondary Channel PRD Table Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com