Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 104 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 104 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 100Page - VIA Technologies, Inc. VT8235 Datasheet HTML 101Page - VIA Technologies, Inc. VT8235 Datasheet HTML 102Page - VIA Technologies, Inc. VT8235 Datasheet HTML 103Page - VIA Technologies, Inc. VT8235 Datasheet HTML 104Page - VIA Technologies, Inc. VT8235 Datasheet HTML 105Page - VIA Technologies, Inc. VT8235 Datasheet HTML 106Page - VIA Technologies, Inc. VT8235 Datasheet HTML 107Page - VIA Technologies, Inc. VT8235 Datasheet HTML 108Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-98-
Device 17 Function 1 Enhanced IDE Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 54 – UltraDMA FIFO Control (04h) ....................RW
7
Reserved
........................................ always reads 0
6
Lower ISA Request Priority When Write Device
Packet Command is Issued
The IDE secondary channel shares a bus internally
with the ISA interface. When this bit is enabled, the
IDE secondary channel is given higher priority over
ISA, which results in better performance.
0
Disable .................................................. default
1
Enable
5
Clear Native Mode Interrupt on Falling Edge of
Gated Interrupt
0
Disable .................................................. default
1
Enable.
The interrupt will be automatically
cleared on the falling edge of the gated
interrupt.
4
Improve
PIO
Prefetch
and
Post-Write
Performance
0
Enable.
PIO
prefetch
and
post
write
performance is increased by being given
higher throughput. ................................. default
1
Disable
3
Memory Prefetch Size
This bit determines how many lines are prefetched
from memory for IDE transactions.
0
Prefetch 1 line ....................................... default
1
Prefetch 2 lines (16 DoubleWords).
This
setting improves ATA100 throughput.
2
Change Drive Clears All FIFO & Internal States
0
Disable
1
Command switch from one drive to another
drive in the same channel terminates all
previous outstanding transactions involving
the previous drive. .................................default
1
Reserved
........................................ always reads 0
0
Complete DMA Cycle with Transfer Size Less
Than FIFO Size
0
Enable.
DMA transfer size is less than the
FIFO size ............................................... default
1
Disable
Offset 55 – IDE Clock Gating (00h) ................................ RW
7-2
Reserved
........................................always reads 0
1
Dynamic 100 / 133 MHz Clock Gating
0
Enable .................................................... default
1
Disable
0
Dynamic 66 MHz Clock Gating
0
Enable .................................................... default
1
Disable
Offset 61-60 - Primary Sector Size (0200h) .................... RW
15-12 Reserved
........................................always reads 0
11-0 Number of Bytes Per Sector
...def=200h (512 bytes)
This field determines the maximum number of bytes
that can be prefetched when Rx44[4] = 1.
Offset 69-68 - Secondary Sector Size (0200h)................. RW
15-12 Reserved
........................................always reads 0
11-0 Number of Bytes Per Sector
...def=200h (512 bytes)
This field determines the maximum number of bytes
that can be prefetched when Rx44[4] = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com