Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 101 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 101 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 97Page - VIA Technologies, Inc. VT8235 Datasheet HTML 98Page - VIA Technologies, Inc. VT8235 Datasheet HTML 99Page - VIA Technologies, Inc. VT8235 Datasheet HTML 100Page - VIA Technologies, Inc. VT8235 Datasheet HTML 101Page - VIA Technologies, Inc. VT8235 Datasheet HTML 102Page - VIA Technologies, Inc. VT8235 Datasheet HTML 103Page - VIA Technologies, Inc. VT8235 Datasheet HTML 104Page - VIA Technologies, Inc. VT8235 Datasheet HTML 105Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-95-
Device 17 Function 1 Enhanced IDE Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
IDE-Controller-Specific Configuration Registers
Offset 40 - Chip Enable (00h) ...........................................RW
7-2
Reserved
........................................ always reads 0
1
Primary Channel
0
Disable .................................................. default
1
Enable
0
Secondary Channel
0
Disable .................................................. default
1
Enable
Offset 41 - IDE Configuration I (00h)..............................RW
7
Primary IDE Read Prefetch Buffer
0
Disable .................................................. default
1
Enable
6
Primary IDE Post Write Buffer
0
Disable .................................................. default
1
Enable
5
Secondary IDE Read Prefetch Buffer
0
Disable .................................................. default
1
Enable
4
Secondary IDE Post Write Buffer
0
Disable .................................................. default
1
Enable
3-0
Reserved
........................................ always reads 0
Offset 42 - IDE Configuration II (00h) ............................RW
7
PIO Operating Mode - Primary Channel
Selects the mode used in the primary channel for the
I/O Base Address (not IRQ routing or sharing)
0
Compatibility Mode (fixed addressing). default
1
Native PCI Mode (flexible addressing)
6
PIO Operating Mode - Secondary Channel
Selects the mode used in the secondary channel for
the I/O Base Address (not IRQ routing or sharing)
0
Compatibility Mode (fixed addressing). default
1
Native PCI Mode (flexible addressing)
5-0
Reserved
........................................ always reads 0
Offset 43 - FIFO Configuration (0Ah) ............................ RW
7-4
Reserved
........................................always reads 0
3-2
Primary Channel FIFO Threshold
Determines the threshold required before the primary
channel FIFO is flushed.
00 FIFO flushed when 1/4 full
01 FIFO flushed when 1/2 full
10 FIFO flushed when 3/4 full................... default
11 FIFO flushed when completely full (32 DWs)
1-0
Secondary Channel FIFO Threshold
Determines
the
threshold
required
before
the
secondary channel FIFO is flushed.
00 FIFO flushed when 1/4 full
01 FIFO flushed when 1/2 full
10 FIFO flushed when 3/4 full................... default
11 FIFO flushed when completely full (32 DWs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com