Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 78 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 78 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 74Page - VIA Technologies, Inc. VT8235 Datasheet HTML 75Page - VIA Technologies, Inc. VT8235 Datasheet HTML 76Page - VIA Technologies, Inc. VT8235 Datasheet HTML 77Page - VIA Technologies, Inc. VT8235 Datasheet HTML 78Page - VIA Technologies, Inc. VT8235 Datasheet HTML 79Page - VIA Technologies, Inc. VT8235 Datasheet HTML 80Page - VIA Technologies, Inc. VT8235 Datasheet HTML 81Page - VIA Technologies, Inc. VT8235 Datasheet HTML 82Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-72-
Device 17 Function 0 Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Power Management-Specific Configuration Registers
Offset 80 – General Configuration 0 (00h)......................RW
7
Reserved
........................................ always reads 0
6
Sleep Button
0
Disable .................................................. default
1
Sleep Button is on GPI21 / ACSDIN3 pin (V1)
5
Debounce LID and PWRBTN# Inputs for 200us
This bit controls whether the debounce circuit for the
LID# and PWRBTN# inputs is enabled to reduce
possible noise.
0
Disable .................................................. default
1
Enable
4
Reserved (Do Not Program)
.................... default = 0
3
Microsoft Sound Monitor in Audio Access
This bit controls whether an I/O access to the sound
port sets I/O Rx33-30[10] (Audio Access Status) = 1.
0
Disable .................................................. default
1
Enable
2
Game Port Monitor in Audio Access
This bit controls whether an I/O access to the game
port sets I/O Rx33-30[10] (Audio Access Status) = 1.
0
Disable .................................................. default
1
Enable
1
Sound Blaster Monitor in Audio Access
This bit controls whether an I/O access to the sound
blaster port sets I/O Rx33-30[10] (Audio Access
Status) = 1.
0
Disable .................................................. default
1
Enable
0
MIDI Monitor in Audio Access
This bit controls whether an I/O access to the MIDI
port sets I/O Rx33-30[10] (Audio Access Status) = 1.
0
Disable .................................................. default
1
Enable
Offset 81 - General Configuration 1 (04h) ...................... RW
7
I/O Enable for ACPI I/O Base
0
Disable access to ACPI I/O block.......... default
1
Allow access to Power Management I/O
Register Block (see offset 4B-48 to set the
base address for this register block).
The
definitions of the registers in the Power
Management I/O Register Block are included
later in this document, following the Power
Management Subsystem overview.
6-4
Reserved
........................................always reads 0
3
ACPI Timer Count Select
0
24-bit Timer ........................................... default
1
32-bit Timer
2
RTC Enable Signal Gated with PSON (SUSC#) in
Soft-Off Mode
This bit controls whether RTC control signals are
gated during system suspend state. This is to prevent
CMOS and Power-Well register data from being
corrupted during system on/off when the control
signals (PWRGD) may not be stable.
0
Disable
1
Enable ................................................... default
1
Clock Throttling Clock Select (STPCLK#)
This bit controls the timer tick base for the throttle
timer.
0
30 usec (480 usec cycle time when using a 4-
bit timer) ................................................ default
1
1 msec (16 msec cycle time when using a 4-bit
timer)
The timer tick base can be further lowered to 7.5 usec
(120 usec cycle time when using a 4-bit timer) by
setting Rx8D[4] = 1. When Rx8D[4] = 1, the setting
of this bit is ignored.
0
Reserved (Do Not Program)
....................default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com